Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8318-EP Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD8318-EP
Szczegółowy opis  1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8318-EP Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD8318-EP_15 Datasheet HTML 2Page - Analog Devices AD8318-EP_15 Datasheet HTML 3Page - Analog Devices AD8318-EP_15 Datasheet HTML 4Page - Analog Devices AD8318-EP_15 Datasheet HTML 5Page - Analog Devices AD8318-EP_15 Datasheet HTML 6Page - Analog Devices AD8318-EP_15 Datasheet HTML 7Page - Analog Devices AD8318-EP_15 Datasheet HTML 8Page - Analog Devices AD8318-EP_15 Datasheet HTML 9Page - Analog Devices AD8318-EP_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8318-EP
Enhanced Product
Rev. 0 | Page 6 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage: Pin VPSO, Pin VPSI
5.7 V
ENBL, V
SET Voltage
0 to V
POS
Input Power (Single-Ended, re: 50 Ω)
12 dBm
Internal Power Dissipation
0.73 W
θ
JA
1
55°C/W
Maximum Junction Temperature
130°C
Operating Temperature Range
−55°C to +105°C
Storage Temperature Range
−65°C to +150°C
1 With package die paddle soldered to thermal pads with vias connecting
to inner and bottom layers.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Podobny numer części - AD8318-EP_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8318-EVAL AD-AD8318-EVAL Datasheet
2Mb / 24P
   1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
REV. 0
AD8318-EVAL AD-AD8318-EVAL Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
REV. A
AD8318-EVALZ AD-AD8318-EVALZ Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318-EVALZ AD-AD8318-EVALZ Datasheet
2Mb / 24P
   Logarithmic Detector/Controller
More results

Podobny opis - AD8318-EP_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318 AD-AD8318_06 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
REV. A
logo
Hittite Microwave Corpo...
HMC602LP4 HITTITE-HMC602LP4_09 Datasheet
364Kb / 8P
   70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
HMC602LP4 HITTITE-HMC602LP4 Datasheet
626Kb / 10P
   70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
logo
Analog Devices
AD8318 AD-AD8318 Datasheet
2Mb / 24P
   1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
REV. 0
AD8313 AD-AD8313_15 Datasheet
721Kb / 24P
   0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
REV. D
AD8313 AD-AD8313_04 Datasheet
720Kb / 24P
   0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
REV. D
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
ADL5513 AD-ADL5513 Datasheet
1Mb / 12P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. PrA 6/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com