Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8315 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD8315
Szczegółowy opis  50 dB GSM PA Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8315 Arkusz danych(HTML) 1 Page - Analog Devices

  AD8315_15 Datasheet HTML 1Page - Analog Devices AD8315_15 Datasheet HTML 2Page - Analog Devices AD8315_15 Datasheet HTML 3Page - Analog Devices AD8315_15 Datasheet HTML 4Page - Analog Devices AD8315_15 Datasheet HTML 5Page - Analog Devices AD8315_15 Datasheet HTML 6Page - Analog Devices AD8315_15 Datasheet HTML 7Page - Analog Devices AD8315_15 Datasheet HTML 8Page - Analog Devices AD8315_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
50 dB GSM PA Controller
AD8315
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Complete RF detector/controller function
>50 dB range at 0.9 GHz (−49 dBm to +2 dBm, re 50 Ω)
Accurate scaling from 0.1 GHz to 2.5 GHz
Temperature-stable linear-in-dB response
Log slope of 23 mV/dB, intercept at −60 dBm at 0.9 GHz
True integration function in control loop
Low power: 20 mW at 2.7 V, 38 mW at 5 V
Power-down to 10.8 μW
APPLICATIONS
Single, dual, and triple band mobile handset (GSM, DCS, EDGE)
Transmitter power control
GENERAL DESCRIPTION
The AD8315 is a complete low cost subsystem for the precise
control of RF power amplifiers operating in the frequency range
0.1 GHz to 2.5 GHz and over a typical dynamic range of 50 dB.
It is intended for use in cellular handsets and other battery-
operated wireless devices. The log amp technique provides a
much wider measurement range and better accuracy than
controllers using diode detectors. In particular, its temperature
stability is excellent over a specified range of −30°C to +85°C.
Its high sensitivity allows control at low signal levels, thus
reducing the amount of power that needs to be coupled to
the detector.
For convenience, the signal is internally ac-coupled. This
high-pass coupling, with a corner at approximately 0.016 GHz,
determines the lowest operating frequency. Therefore, the
source can be dc grounded.
The AD8315 provides a voltage output, VAPC, that has the
voltage range and current drive to directly connect to most
handset power amplifiers’ gain control pin. VAPC can swing
from 250 mV above ground to within 200 mV below the supply
voltage. Load currents of up to 6 mA can be supported.
The setpoint control input is applied to the VSET pin and has
an operating range of 0.25 V to 1.4 V. The associated circuit
determines the slope and intercept of the linear-in-dB
measurement system; these are nominally 23 mV/dB and
−60 dBm for a 50 Ω termination (−73 dBV) at 0.9 GHz.
Further simplifying the application of the AD8315, the input
resistance of the setpoint interface is over 100 MΩ, and the bias
current is typically 0.5 μA.
The AD8315 is available in MSOP and LFCSP packages and
consumes 8.5 mA from a 2.7 V to 5.5 V supply. When powered
down, the sleep current is 4 μA.
FUNCTIONAL BLOCK DIAGRAM
VPOS
ENBL
RFIN
COMM
DET
10dB
DET
10dB
DET
DET
DET
10dB
10dB
OFFSET
COMP’N
INTERCEPT
POSITIONING
LOW NOISE
GAIN BIAS
LOW NOISE
BAND GAP
REFERENCE
OUTPUT
ENABLE
DELAY
×1.35
VAPC
HI-Z
LOW NOISE (25nV/√Hz)
RAIL-TO-RAIL BUFFER
FLTR
VSET
V-I
23mV/dB
250mV TO
1.4V = 50dB
Figure 1.


Podobny numer części - AD8315_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
More results

Podobny opis - AD8315_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8315 AD-AD8315 Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8311 AD-AD8311 Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
   50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_06 Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8316 AD-AD8316 Datasheet
497Kb / 20P
   Dual Output GSM PA Controller
REV. C
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
   GSM Telemetry Controller
logo
Fairchild Semiconductor
RMPA1852 FAIRCHILD-RMPA1852 Datasheet
464Kb / 11P
   Quad-Band GSM/EDGE PA Module
logo
Skyworks Solutions Inc.
SKY77340 SKYWORKS-SKY77340 Datasheet
537Kb / 27P
   PA Module for Quad-Band GSM / EDGE
SKY77344 SKYWORKS-SKY77344 Datasheet
71Kb / 2P
   PA Module for Quad-Band GSM / EDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com