Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1514K-S Arkusz danych(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części 2SA1514K-S
Szczegółowy opis  PNP Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1514K-S Arkusz danych(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1514K-S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1514K-S Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1514K-S Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SA1514K-S Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
www.kexin.com.cn
4
Transistors
PNP Transistors
2SA1514K
Typical Characterisitics
-0.1
-1
-10
-100
-1000
-0.1
-1
-10
-100
-1000
Ta=25ºC
Single non repetitive pulse
2SA1514K
DC
(Mounted on a
reference land)
10ms
1ms
100ms
1
10
100
-0.1
-1
-10
-100
Ta=25ºC
f=1MHz
IE=0A
Cob
Cib
Fig.9 Emitter input capacitance vs.
Emitter-Base Voltage
Collector output capacitance vs.
Collector-Base Voltage
COLLECTOR - BASE VOLTAGE : VCB [V]
EMITTER - BASE VOLTAGE : VEB [V]
Fig.10 Safe Operating Area
COLLECTOR TO EMITTER VOLTAGE : VCE [V]


Podobny numer części - 2SA1514K-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SA1514K ROHM-2SA1514K Datasheet
79Kb / 4P
   High-voltage Amplifier Transistor (-120V, -50mA)
logo
Guangdong Kexin Industr...
2SA1514K KEXIN-2SA1514K Datasheet
36Kb / 1P
   High-voltage Amplifier Transistor
logo
Rohm
2SA1514K ROHM-2SA1514K Datasheet
161Kb / 3P
   High-voltage Amplifier Transistor
2SA1514K ROHM-2SA1514K Datasheet
367Kb / 8P
   PNP -50mA -120V High-Voltage Amplifier Transistors
2SA1514K ROHM-2SA1514K Datasheet
1Mb / 11P
   High-voltage Amplifier Transistor
More results

Podobny opis - 2SA1514K-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com