Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8322 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD8322
Szczegółowy opis  5 V CATV Line Driver Coarse Step Output Power Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8322 Arkusz danych(HTML) 5 Page - Analog Devices

  AD8322_15 Datasheet HTML 1Page - Analog Devices AD8322_15 Datasheet HTML 2Page - Analog Devices AD8322_15 Datasheet HTML 3Page - Analog Devices AD8322_15 Datasheet HTML 4Page - Analog Devices AD8322_15 Datasheet HTML 5Page - Analog Devices AD8322_15 Datasheet HTML 6Page - Analog Devices AD8322_15 Datasheet HTML 7Page - Analog Devices AD8322_15 Datasheet HTML 8Page - Analog Devices AD8322_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. 0
AD8322
–5–
Typical Performance Characteristics–
GAIN CONTROL – Decimal
1
0.15
2
4
8
16
32
64
128
0.10
0.05
0.00
–0.05
–0.10
–0.15
–0.20
–0.25
–0.30
–0.35
f = 5MHz
f = 10MHz
f = 42MHz
f = 65MHz
TPC 2. Gain Error vs. Gain Control
FREQUENCY – MHz
36
11k
100
10
30
24
18
12
6
0
–6
–12
–18
GC64
GC32
GC16
GC8
GC4
GC2
GC1
GC128
TPC 3. AC Response vs. Gain Control
VIN+
VIN–
VCC
GND
OUT–
AD8322
BYP
OUT+
0.1 F
0.1 F
1:1
TOKO
617DB-A0070
CL
0.1 F
0.1 F
432
75
75
75
+
VO
5V
10 F
0.1 F
+1/2 VIN
–1/2 VIN
0.1 F
DEVICE UNDER TEST
TPC 1. Test Circuit
FREQUENCY – MHz
32
1
100
10
30
28
26
24
PO = 60dBmV
@ MAX GAIN
CL = 0pF
CL = 10pF
CL = 20pF
CL = 50pF
TPC 4. AC Response for Various Capacitor Loads
GAIN CODE – Decimal
1
–32
2
4
8
16
32
64
128
–36
–40
–44
–48
f = 10MHz
PD = 1
TPC 5. Output Noise vs. Gain Code


Podobny numer części - AD8322_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8322-EVAL AD-AD8322-EVAL Datasheet
243Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8322ARU AD-AD8322ARU Datasheet
243Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8322ARU-REEL AD-AD8322ARU-REEL Datasheet
243Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
More results

Podobny opis - AD8322_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8322 AD-AD8322 Datasheet
243Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8327 AD-AD8327 Datasheet
307Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8327 AD-AD8327_15 Datasheet
885Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8323 AD-AD8323 Datasheet
277Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8325 AD-AD8325 Datasheet
304Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8325 AD-AD8325_05 Datasheet
736Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. A
AD8323 AD-AD8323_15 Datasheet
715Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8326 AD-AD8326 Datasheet
475Kb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
AD8321ARZ AD-AD8321ARZ Datasheet
593Kb / 20P
   Gain Programmable CATV Line DRiver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com