Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8337 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD8337
Szczegółowy opis  General-Purpose, Low Cost, DC-Coupled VGA
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8337 Arkusz danych(HTML) 3 Page - Analog Devices

  AD8337_15 Datasheet HTML 1Page - Analog Devices AD8337_15 Datasheet HTML 2Page - Analog Devices AD8337_15 Datasheet HTML 3Page - Analog Devices AD8337_15 Datasheet HTML 4Page - Analog Devices AD8337_15 Datasheet HTML 5Page - Analog Devices AD8337_15 Datasheet HTML 6Page - Analog Devices AD8337_15 Datasheet HTML 7Page - Analog Devices AD8337_15 Datasheet HTML 8Page - Analog Devices AD8337_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD8337
Rev. C | Page 3 of 3
2
SPECIFICATIONS
VS = ±2.5 V, TA = 25°C, PrA gain = +2, VCOM = GND, f = 10 MHz, CL = 5 pF, RL = 500 Ω, including a 20 Ω snubbing resistor, unless
otherwise specified.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
GENERAL PARAMETERS
−3 dB Small Signal Bandwidth
VOUT = 10 mV p-p
280
MHz
−3 dB Large Signal Bandwidth
VOUT = 1 V p-p
100
MHz
Slew Rate
VOUT = 2 V p-p
625
V/μs
VOUT = 1 V p-p
490
V/μs
Input Voltage Noise
f = 10 MHz
2.15
nV/√Hz
Input Current Noise
f = 10 MHz
4.8
pA/√Hz
Noise Figure
VGAIN = 0.7 V, RS = 50 Ω, unterminated
8.5
dB
VGAIN = 0.7 V, RS = 50 Ω, shunt terminated with 50 Ω
14
dB
Output-Referred Noise
VGAIN = 0.7 V (gain = 24 dB)
34
nV/√Hz
VGAIN = −0.7 V (gain = 0 dB)
21
nV/√Hz
Output Impedance
DC to 10 MHz
1
Ω
Output Signal Range
RL ≥ 500 Ω, VS =
±2.5 V, +5 V
VCOM
± 1.3
V
RL ≥ 500 Ω, VS =
±5 V
VCOM
± 2.4
V
Output Offset Voltage
VGAIN = 0.7 V (gain = 24 dB)
−25
±5
+25
mV
DYNAMIC PERFORMANCE
Harmonic Distortion
VGAIN = 0 V, VOUT = 1 V p-p
HD2
f = 1 MHz
−72
dBc
HD3
−66
dBc
HD2
f = 10 MHz
−62
dBc
HD3
−63
dBc
HD2
f = 45 MHz
−58
dBc
HD3
−56
dBc
Input 1 dB Compression Point
VGAIN = −0.7 V, f = 10 MHz (preamp limited)
8.2
dBm
VGAIN = +0.7 V, f = 10 MHz (VGA limited)
−9.4
dBm
Two-Tone Intermodulation Distortion (IMD3)
VGAIN = 0 V, VOUT = 1 V p-p, f1 = 10 MHz, f2 = 11 MHz
−71
dBc
VGAIN = 0 V, VOUT = 1 V p-p, f1 = 45 MHz, f2 = 46 MHz
−57
dBc
VGAIN = 0 V, VOUT = 2 V p-p, f1 = 10 MHz, f2 = 11 MHz
−58
dBc
VGAIN = 0 V, VOUT = 2 V p-p, f1 = 45 MHz, f2 = 46 MHz
−45
dBc
Output Third-Order Intercept
VGAIN = 0 V, VOUT = 1 V p-p, f = 10 MHz
34
dBm
VGAIN = 0 V, VOUT = 1 V p-p, f = 45 MHz
28
dBm
VGAIN = 0 V, VOUT = 2 V p-p, f = 10 MHz
35
dBm
VGAIN = 0 V, VOUT = 2 V p-p, f = 45 MHz
26
dBm
Overload Recovery
VGAIN = 0.75 V, VIN = 50 mV p-p to 500 mV p-p
50
ns
Group Delay Variation
1 MHz < f < 100 MHz, full gain range
±1
ns


Podobny numer części - AD8337_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8337 AD-AD8337_16 Datasheet
954Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
More results

Podobny opis - AD8337_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8337 AD-AD8337_07 Datasheet
791Kb / 24P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. B
AD8337 AD-AD8337 Datasheet
773Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. A
AD8337 AD-AD8337_16 Datasheet
954Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
AD8336 AD-AD8336_17 Datasheet
782Kb / 27P
   General-Purpose Wide Bandwidth, DC-Coupled VGA
AD8336 AD-AD8336 Datasheet
1Mb / 28P
   General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
REV. 0
logo
List of Unclassifed Man...
TVGA9000 ETC1-TVGA9000 Datasheet
836Kb / 12P
   LOW COST VGA CONTROLLER
TVGA9000C ETC1-TVGA9000C Datasheet
1Mb / 22P
   LOW COST VGA CONTROLLER
logo
AVAGO TECHNOLOGIES LIMI...
AT-41586 AVAGO-AT-41586 Datasheet
152Kb / 5P
   Low Cost General Purpose Transistors
logo
Agilent(Hewlett-Packard...
AT-41586 HP-AT-41586 Datasheet
76Kb / 5P
   Low Cost General Purpose Transistors
AT41586 HP-AT41586 Datasheet
61Kb / 6P
   Low Cost General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com