Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8339 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD8339
Szczegółowy opis  DC to 50 MHz, Quad I/Q Demodulator and Phase Shifter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8339 Arkusz danych(HTML) 4 Page - Analog Devices

  AD8339_15 Datasheet HTML 1Page - Analog Devices AD8339_15 Datasheet HTML 2Page - Analog Devices AD8339_15 Datasheet HTML 3Page - Analog Devices AD8339_15 Datasheet HTML 4Page - Analog Devices AD8339_15 Datasheet HTML 5Page - Analog Devices AD8339_15 Datasheet HTML 6Page - Analog Devices AD8339_15 Datasheet HTML 7Page - Analog Devices AD8339_15 Datasheet HTML 8Page - Analog Devices AD8339_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD8339
Data Sheet
Rev. B | Page 4 of 36
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC INTERFACES
Pin SDI, Pin CSB, Pin SCLK, Pin RSET
Logic Level High
1.5
V
Logic Level Low
0.9
V
Pin RSTS
Logic Level High
1.8
V
Logic Level Low
1.2
V
Bias Current
Logic high (pulled to 5 V)
0.5
μA
Logic low (pulled to GND)
0
μA
Input Resistance
4
LO Divider RSET Setup Time
RSET rising or falling edge to 4LOP or 4LON (differential)
rising edge
5
ns
LO Divider RSET High Pulse Width
20
ns
LO Divider RSET Response Time
200
ns
Phase Response Time
Measured from CSB going high
5
μs
Enable Response Time
Measured from CSB going high (with 0.1 μF capacitor on
Pin LODC); no channel enabled
12
15
μs
At least one channel enabled
500
ns
Output
Pin SDO loaded with 5 pF and next SDI input
Logic Level High
1.7
1.9
V
Logic Level Low
0.2
0.5
V
SPI TIMING CHARACTERISTICS
Pin SDI, Pin SDO, Pin CSB, Pin SCLK, Pin RSTS
SCLK Frequency
fCLK
10
MHz
CSB Fall to SCLK Setup Time
t1
0
ns
SCLK High Pulse Width
t2
10
ns
SCLK Low Pulse Width
t3
10
ns
Data Access Time (SDO) After SCLK
Rising Edge
t4
100
ns
Data Setup Time Before SCLK Rising
Edge
t5
2
ns
Data Hold Time After SCLK Rising
Edge
t6
2
ns
SCLK Rise to CSB Rise Hold Time
t7
15
ns
CSB Rise to SCLK Rise Hold Time
t8
0
ns
POWER SUPPLY
Pin VPOS, Pin VNEG
Supply Voltage
±4.5
±5.0
±5.5
V
Current
VPOS, all phase bits = 0
35
mA
VNEG, all phase bits = 0
−18
mA
Over Temperature,
−40°C < TA < +85°C
VPOS, all phase bits = 0
33
36
mA
VNEG, all phase bits = 0
−19
−17
mA
Quiescent Power
Per channel, all phase bits = 0
66
mW
Per channel maximum (depends on phase bits)
88
mW
Disable Current
All channels disabled; SPI stays on
2.75
mA
PSRR
VPOS to Ix/Qx outputs, @ 10 kHz
−85
dB
VNEG to Ix/Qx outputs, @ 10 kHz
−85
dB


Podobny numer części - AD8339_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8339 AD-AD8339 Datasheet
237Kb / 15P
   Quad I/Q Demodulator And Phase Shifter
Rev. PrA - 12/19/06
More results

Podobny opis - AD8339_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8333 AD-AD8333_15 Datasheet
1Mb / 32P
   DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
Rev. E
AD8333 AD-AD8333 Datasheet
769Kb / 28P
   DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
REV. A
AD8339 AD-AD8339 Datasheet
237Kb / 15P
   Quad I/Q Demodulator And Phase Shifter
Rev. PrA - 12/19/06
logo
Mini-Circuits
JCIQ-176D++ MINI-JCIQ-176D+ Datasheet
175Kb / 1P
   I&Q Demodulator
MIQA-21D MINI-MIQA-21D Datasheet
179Kb / 1P
   I&Q Demodulator
ZFMIQ-70D MINI-ZFMIQ-70D Datasheet
205Kb / 1P
   I&Q Demodulator
logo
Tyco Electronics
MA4IQP190H-1291T MACOM-MA4IQP190H-1291T Datasheet
370Kb / 6P
   I/Q Modulator/Demodulator 1800-2000 MHz
MA4IQP900L-1291T MACOM-MA4IQP900L-1291T Datasheet
148Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
List of Unclassifed Man...
MA4IQP900L-1291T ETC1-MA4IQP900L-1291T Datasheet
154Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
EKIN2-70D MACOM-EKIN2-70D_1 Datasheet
62Kb / 2P
   E-Series I/Q Demodulator 70 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com