Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8392A Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD8392A
Szczegółowy opis  Low Power, High Output Current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8392A Arkusz danych(HTML) 4 Page - Analog Devices

  AD8392A_15 Datasheet HTML 1Page - Analog Devices AD8392A_15 Datasheet HTML 2Page - Analog Devices AD8392A_15 Datasheet HTML 3Page - Analog Devices AD8392A_15 Datasheet HTML 4Page - Analog Devices AD8392A_15 Datasheet HTML 5Page - Analog Devices AD8392A_15 Datasheet HTML 6Page - Analog Devices AD8392A_15 Datasheet HTML 7Page - Analog Devices AD8392A_15 Datasheet HTML 8Page - Analog Devices AD8392A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD8392A
Rev. 0 | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±13 V (+26 V)
Power Dissipation
See Figure 3
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is specified
for the device soldered in the circuit board for surface-mount
packages.
Table 3.
Package Type
θJA
Unit
LFCSP-32 (CP)
27.27
°C/W
TSSOP-28/EP (RE)
35.33
°C/W
Maximum Power Dissipation
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power is the voltage between the supply pins (VS) times the
quiescent current (IS). Assuming that the load (RL) is midsupply,
the total drive power is VS/2 × IOUT, some of which is dissipated
in the package and some in the load (VOUT × IOUT).
RMS output voltages should be considered. If RL is referenced
to VS− as in single-supply operation, the total power is VS × IOUT.
In single supply with RL to VS−, worst case is VOUT = VS/2.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, more metal directly in contact with the package leads
from metal traces, through holes, ground, and power planes
reduces the θJA.
Figure 3 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the LFCSP-32 and
TSSOP-28/EP packages on a JEDEC standard 4-layer board.
θJA values are approximations.
0
1
2
3
4
5
6
7
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
TJ = 150°C
LFCSP-32
TSSOP-28/EP
Figure 3. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
See the Thermal Considerations section for additional thermal
design guidance.
ESD CAUTION


Podobny numer części - AD8392A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8392A AD-AD8392A_16 Datasheet
570Kb / 13P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
More results

Podobny opis - AD8392A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8392 AD-AD8392_15 Datasheet
1Mb / 16P
   Low Power, High Output Current
REV. A
AD8394 AD-AD8394_15 Datasheet
67Kb / 2P
   Low Power, High Output Current
Rev. Sp0
AD8396 AD-AD8396_15 Datasheet
845Kb / 12P
   Low Power, High Output Current
REV. C
AD8390A AD-AD8390A_16 Datasheet
471Kb / 13P
   Low Power, High Output Current Differential Amplifier
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390 AD-AD8390 Datasheet
531Kb / 16P
   Low Power, High Output Current Differential Amplifier
REV. C
AD8390A AD-AD8390A Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8016 AD-AD8016_15 Datasheet
707Kb / 21P
   Low Power, High Output Current xDSL Line Driver
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com