Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1615A-Q Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części 2SD1615A-Q
Szczegółowy opis  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1615A-Q Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1615A-Q Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1615A-Q Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1615A-Q Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
Features
Low VCE(sat)
Complementary to 2SB1115A
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
120
Collector - Emitter Voltage
VCEO
60
Emitter - Base Voltage
VEBO
6
Collector Current - Continuous
IC
1
Collector Current - Pulse
(Note.1)
ICP
2
Collector Power Dissipation
PC
2
W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
A
Note.1:PW ≤ 10 ms, Duty cycle ≤ 20%.
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 uA, IE= 0
120
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA,IB= 0
60
Emitter - base breakdown voltage
VEBO
IE= 100 uA, IC= 0
6
Collector-base cut-off current
ICBO
VCB= 120 V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 6V , IC=0
0.1
Collector-emitter saturation voltage
VCE(sat) IC=1 A, IB=50 mA
0.15
0.3
Base - emitter saturation voltage
VBE(sat) IC=1 A, IB=50 mA
0.9
1.2
Base - emitter voltage
VBE
VCE= 2V, IC= 50 mA
0.6
0.7
VCE= 2V, IC= 100 mA
135
400
VCE= 2V, IC= 1 A
81
270
Collector output capacitance
Cob
VCB= 10V, IE= 0,f=1MHz
19
pF
Transition frequency
fT
VCE= 2V, IE= -100mA
80
160
MHz
V
uA
DC current gain
hFE
V
Classification of hfe(1)
NPN Transistors
2SD1615A
Type
2SD1615A-Q
2SD1615A-P
Range
135-270
200-400
Marking
GQ
GP


Podobny numer części - 2SD1615A-Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
2SD1615A NEC-2SD1615A Datasheet
49Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTORS POWER MINI MOLD
logo
Guangdong Kexin Industr...
2SD1615A KEXIN-2SD1615A Datasheet
52Kb / 1P
   NPN Silicon Epitaxial Transistor
logo
Renesas Technology Corp
2SD1615A RENESAS-2SD1615A Datasheet
210Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1615A RENESAS-2SD1615A Datasheet
210Kb / 6P
   Old Company Name in Catalogs and Other Documents
More results

Podobny opis - 2SD1615A-Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com