Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8400 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD8400
Szczegółowy opis  Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8400 Arkusz danych(HTML) 3 Page - Analog Devices

  AD8400_15 Datasheet HTML 1Page - Analog Devices AD8400_15 Datasheet HTML 2Page - Analog Devices AD8400_15 Datasheet HTML 3Page - Analog Devices AD8400_15 Datasheet HTML 4Page - Analog Devices AD8400_15 Datasheet HTML 5Page - Analog Devices AD8400_15 Datasheet HTML 6Page - Analog Devices AD8400_15 Datasheet HTML 7Page - Analog Devices AD8400_15 Datasheet HTML 8Page - Analog Devices AD8400_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD8400/AD8402/AD8403
Rev. E | Page 3 of 32
GENERAL DESCRIPTION
(continued from Page 1)
Each VR has its own VR latch that holds its programmed
resistance value. These VR latches are updated from an SPI-
compatible, serial-to-parallel shift register that is loaded from
a standard 3-wire, serial-input digital interface. Ten data bits
make up the data-word clocked into the serial input register.
The data-word is decoded where the first two bits determine
the address of the VR latch to be loaded, and the last eight bits
are the data. A serial data output pin at the opposite end of the
serial register allows simple daisy chaining in multiple VR
applications without additional external decoding logic.
The reset (RS) pin forces the wiper to midscale by loading 80H
into the VR latch. The SHDN pin forces the resistor to an end-
to-end open-circuit condition on the A terminal and shorts the
wiper to the B terminal, achieving a microwatt power shutdown
state. When SHDN is returned to logic high, the previous latch
settings put the wiper in the same resistance setting prior to
shutdown. The digital interface is still active in shutdown so
that code changes can be made that will produce new wiper
positions when the device is taken out of shutdown.
The AD8400 is available in the SOIC-8 surface mount. The
AD8402 is available in both surface-mount (SOIC-14) and
14-lead PDIP packages, while the AD8403 is available in a
narrow-body, 24-lead PDIP and a 24-lead, surface-mount
package. The AD8402/AD8403 are also offered in the 1.1 mm
thin TSSOP-14/TSSOP-24 packages for PCMCIA applications.
All parts are guaranteed to operate over the extended industrial
temperature range of −40°C to +125°C.


Podobny numer części - AD8400_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8400AN1 AD-AD8400AN1 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8400AN10 AD-AD8400AN10 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8400AN100 AD-AD8400AN100 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8400AN50 AD-AD8400AN50 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8400AR1 AD-AD8400AR1 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
More results

Podobny opis - AD8400_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL96017 INTERSIL-ISL96017_12 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Analog Devices
AD8403 AD-AD8403_15 Datasheet
610Kb / 32P
   Digital Potentiometers
Rev. E
logo
Copal Electronics
AN9 COPAL-AN9 Datasheet
114Kb / 7P
   Digital Potentiometers
DN3 COPAL-DN3 Datasheet
72Kb / 2P
   Digital Potentiometers
logo
Analog Devices
AD8402 AD-AD8402_15 Datasheet
610Kb / 32P
   Digital Potentiometers
Rev. E
logo
Copal Electronics
DN5 COPAL-DN5 Datasheet
79Kb / 2P
   Digital Potentiometers
DN4 COPAL-DN4 Datasheet
81Kb / 3P
   Digital Potentiometers
logo
Microchip Technology
AN219 MICROCHIP-AN219 Datasheet
131Kb / 6P
   Comparing Digital Potentiometers to Mechanical Potentiometers
2000 - 2002
logo
Copal Electronics
DP7269 COPAL-DP7269 Datasheet
174Kb / 16P
   Dual Digital Potentiometers
DP7411 COPAL-DP7411 Datasheet
189Kb / 16P
   Dual Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com