Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8500 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD8500
Szczegółowy opis  Micropower Precision CMOS Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8500 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD8500_15 Datasheet HTML 4Page - Analog Devices AD8500_15 Datasheet HTML 5Page - Analog Devices AD8500_15 Datasheet HTML 6Page - Analog Devices AD8500_15 Datasheet HTML 7Page - Analog Devices AD8500_15 Datasheet HTML 8Page - Analog Devices AD8500_15 Datasheet HTML 9Page - Analog Devices AD8500_15 Datasheet HTML 10Page - Analog Devices AD8500_15 Datasheet HTML 11Page - Analog Devices AD8500_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD8500
Rev. B | Page 9 of 12
TIME (40µs/DIV)
VS
VOUT
GAIN = +1
VIN = VS/2
Figure 20. Turn-On Transient Response
4
3
2
1
0
–1
–2
–3
–4
–0.005
–0.003
–0.001
0.001
0.003
0.005
0.007
0.009
TIME (s)
VOUT
VIN
VS = 5V
Figure 21. No Phase Reversal
4
2
0
1
3
–1
–2
–4
–3
–5
–4
–3
–2
–1
0
1
2
3
4
5
TIME (Seconds)
VS = 5V AND 1.8V
Figure 22. 0.1 Hz to 10 Hz Input Voltage Noise
1000
100
10
1
10
100
1k
10k
FREQUENCY (Hz)
VS = 5V AND 1.8V
Figure 23. Voltage Noise Density
–1000
–750
–500
–250
0
250
500
750
1000
500
300
400
200
100
0
VOS (µV)
VS = 1.8V
0V < VCM < 1.8V
Figure 24. Input Offset Voltage Distribution
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5
12
8
2
6
10
4
0
TCVOS (µV/°C)
VS = 1.8V
–40°C < TA < +85°C
Figure 25. Input Offset Voltage Drift Distribution


Podobny numer części - AD8500_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8500AKSZ-R2 AD-AD8500AKSZ-R2 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
AD8500AKSZ-REEL AD-AD8500AKSZ-REEL Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
AD8500AKSZ-REEL7 AD-AD8500AKSZ-REEL7 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
More results

Podobny opis - AD8500_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
logo
ADL Embedded Solutions
ALD1721 ADL-ALD1721 Datasheet
108Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
   Precision CMOS Single Micropower Operational Amplifier
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
   Precision CMOS Quad Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD1726 ALD-ALD1726 Datasheet
104Kb / 9P
   PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
[Old version datasheet]   Precision CMOS Quad Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1736A ALD-ALD1736A Datasheet
88Kb / 9P
   PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com