Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8603AUJZ-REEL71 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD8603AUJZ-REEL71
Szczegółowy opis  Precision Micropower, Low Noise CMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8603AUJZ-REEL71 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD8603AUJZ-REEL71 Datasheet HTML 6Page - Analog Devices AD8603AUJZ-REEL71 Datasheet HTML 7Page - Analog Devices AD8603AUJZ-REEL71 Datasheet HTML 8Page - Analog Devices AD8603AUJZ-REEL71 Datasheet HTML 9Page - Analog Devices AD8603AUJZ-REEL71 Datasheet HTML 10Page - Analog Devices AD8603AUJZ-REEL71 Datasheet HTML 11Page - Analog Devices AD8603AUJZ-REEL71 Datasheet HTML 12Page - Analog Devices AD8603AUJZ-REEL71 Datasheet HTML 13Page - Analog Devices AD8603AUJZ-REEL71 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8603/AD8607/AD8609
Rev. C | Page 10 of 16
LOAD CURRENT (mA)
0.001
0.01
0.1
10
100
0.01
0.1
1
10
1000
1
SINK
SOURCE
VS = 1.8V
TA = 25°C
Figure 30. Output Voltage to Supply Rail vs. Load Current
TEMPERATURE (°C)
–40
0
30
60
5
35
125
20
20
10
50
40
–25
70
80
90
100
–10
50
65
80
95
110
VOL @ 1mA LOAD
VDD – VOH @ 1mA LOAD
VS = 1.8V
Figure 31. Output Voltage Swing vs. Temperature
LOAD CAPACITANCE (pF)
10
0
10
20
60
100
1000
30
50
40
VS = 1.8V
TA = 25°C
AV = 1
OS–
OS+
Figure 32. Small Signal Overshoot vs. Load Capacitance
1k
10k
100k
1M
10M
VS = ±0.9V
RL = 100kΩ
CL = 20pF
Φ = 70°
FREQUENCY (Hz)
20
–80
–20
80
100
60
40
0
–40
–60
–100
45
–180
–45
180
225
135
90
0
–90
–135
–225
Figure 33. Open-Loop Gain and Phase vs. Frequency
100
1k
10k
100k
VS = 1.8V
60
–40
20
120
140
100
80
40
0
–20
–60
FREQUENCY (Hz)
Figure 34. CMRR vs. Frequency
0.01
0.1
1
100
10
FREQUENCY (kHz)
0
0.9
1.8
0.6
0.3
1.5
1.2
VS = 1.8V
VIN = 1.7V p-p
TA = 25°C
AV = 1
Figure 35. Closed-Loop Output Voltage Swing vs. Frequency


Podobny numer części - AD8603AUJZ-REEL71

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8603AUJZ-REEL71 AD-AD8603AUJZ-REEL71 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
More results

Podobny opis - AD8603AUJZ-REEL71

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8607 AD-AD8607_15 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS
REV. C
AD8609 AD-AD8609_15 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS
REV. C
AD8617 AD-AD8617_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8619 AD-AD8619_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8613 AD-AD8613_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
ADR290 AD-ADR290 Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
ADR293 AD-ADR293 Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
AD8655 AD-AD8655_13 Datasheet
357Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. D
AD8655 AD-AD8655 Datasheet
329Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. A
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com