Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8609ARU Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD8609ARU
Szczegółowy opis  Precision Micropower, Low Noise CMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8609ARU Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD8609ARU Datasheet HTML 4Page - Analog Devices AD8609ARU Datasheet HTML 5Page - Analog Devices AD8609ARU Datasheet HTML 6Page - Analog Devices AD8609ARU Datasheet HTML 7Page - Analog Devices AD8609ARU Datasheet HTML 8Page - Analog Devices AD8609ARU Datasheet HTML 9Page - Analog Devices AD8609ARU Datasheet HTML 10Page - Analog Devices AD8609ARU Datasheet HTML 11Page - Analog Devices AD8609ARU Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8603/AD8607/AD8609
Rev. C | Page 8 of 16
LOAD CAPACITANCE (pF)
10
0
10
20
100
1000
30
OS–
50
40
VS = 5V
60
OS+
Figure 18. Small Signal Overshoot vs. Load Capacitance
TEMPERATURE (°C)
–40
35
20
80
–25
50
60
–10
5
35
65
10
0
95
110 125
25
50
55
45
40
30
20
15
5
VS = ±2.5V
Figure 19. Supply Current vs. Temperature
SUPPLY VOLTAGE (V)
0
0
30
60
80
24
5
3
20
10
70
50
40
1
100
90
TA = 25°C
Figure 20. Supply Current vs. Supply Voltage
VS = 5V, 1.8V
TIME (1s/DIV)
Figure 21. 0.1 Hz to 10 Hz Input Voltage Noise
VS = 5V
RL = 10kΩ
CL = 200pF
AV = 1
TIME (4µs/DIV)
Figure 22. Small Signal Transient
TIME (20µs/DIV)
VS = 5V
RL = 10kΩ
CL = 200pF
AV = 1
Figure 23. Large Signal Transient


Podobny numer części - AD8609ARU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8609ARU AD-AD8609ARU Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8609ARU AD-AD8609ARU Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8609ARU-REEL AD-AD8609ARU-REEL Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8609ARUZ AD-AD8609ARUZ Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8609ARUZ-REEL1 AD-AD8609ARUZ-REEL1 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
More results

Podobny opis - AD8609ARU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8607 AD-AD8607_15 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS
REV. C
AD8609 AD-AD8609_15 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS
REV. C
AD8617 AD-AD8617_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8619 AD-AD8619_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8613 AD-AD8613_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
ADR290 AD-ADR290 Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
ADR293 AD-ADR293 Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
AD8655 AD-AD8655_13 Datasheet
357Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. D
AD8655 AD-AD8655 Datasheet
329Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. A
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com