Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1576A-Q Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części 2SA1576A-Q
Szczegółowy opis  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1576A-Q Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1576A-Q Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1576A-Q Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
2SA1576A
Features
Excellent hFE linearity
Complements the 2SC4081
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-60
Collector - Emitter Voltage
VCEO
-50
Emitter - Base Voltage
VEBO
-6
Collector Current - Continuous
IC
-150
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -50 μA, IE=0
-60
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA,IB=0
-50
Emitter - base breakdown voltage
VEBO
IE= -50μA, IC=0
-6
Collector-base cut-off current
ICBO
VCB= -60 V , IE=0
-0.1
Emitter cut-off current
IEBO
VEB= -6V , IC=0
-0.1
Collector-emitter saturation voltage
VCE(sat) IC=-50 mA, IB=-5 mA
-0.5
Base - emitter saturation voltage
VBE(sat) IC=-50 mA, IB=-5 mA
-1.2
DC current gain
hFE
VCE= -6V, IC= -1mA
120
560
Collector output capacitance
Cob
VCB= -12V,IE=0, f=1MHz
4
5
pF
Transition frequency
fT
VCE= -12V, IC= -2mA,f=30MHz
140
MHz
V
uA
V
Classification of hfe
1.Base
3.Collector
2.Emitter
Type
2SA1576A-Q
2SA1576A-R
2SA1576A-S
Range
120-270
180-390
270-560
Marking
FQ
FR
FS


Podobny numer części - 2SA1576A-Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
2SA1576A-Q MCC-2SA1576A-Q Datasheet
254Kb / 3P
   PNP Silicon Epitaxial Transistors
logo
DONGGUAN YOU FENG WEI E...
2SA1576A-Q YFWDIODE-2SA1576A-Q Datasheet
489Kb / 3P
   PNP Transistor
More results

Podobny opis - 2SA1576A-Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com