Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8616 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD8616
Szczegółowy opis  Precision, 20 MHz, CMOS, Rail-to-Rail
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8616 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD8616_15 Datasheet HTML 7Page - Analog Devices AD8616_15 Datasheet HTML 8Page - Analog Devices AD8616_15 Datasheet HTML 9Page - Analog Devices AD8616_15 Datasheet HTML 10Page - Analog Devices AD8616_15 Datasheet HTML 11Page - Analog Devices AD8616_15 Datasheet HTML 12Page - Analog Devices AD8616_15 Datasheet HTML 13Page - Analog Devices AD8616_15 Datasheet HTML 14Page - Analog Devices AD8616_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD8615/AD8616/AD8618
Rev. G | Page 11 of 20
APPLICATIONS INFORMATION
INPUT OVERVOLTAGE PROTECTION
If the voltage applied at either input exceeds the supplies, place
external resistors in series with the inputs. The resistor values
can be determined by the equation
mA
5
V
SY
S
IN
R
V
The extremely low input bias current allows the use of larger
resistors, which allows the user to apply higher voltages at the
inputs. The use of these resistors adds thermal noise, which
contributes to the overall output voltage noise of the amplifier.
For example, a 10 kΩ resistor has less than 13 nV/√Hz of
thermal noise and less than 10 nV of error voltage at room
temperature.
OUTPUT PHASE REVERSAL
The AD8615/AD8616/AD8618 are immune to phase inversion,
a phenomenon that occurs when the voltage applied at the input of
the amplifier exceeds the maximum input common mode.
Phase reversal can cause permanent damage to the amplifier
and can create lock ups in systems with feedback loops.
TIME (2ms/DIV)
VIN
VOUT
VS = ±2.5V
VIN = 6V p-p
AV = 1
RL = 10kΩ
Figure 36. No Phase Reversal
DRIVING CAPACITIVE LOADS
Although the AD8615/AD8616/AD8618 are capable of driving
capacitive loads of up to 500 pF without oscillating, a large amount
of overshoot is present when operating at frequencies above
100 kHz. This is especially true when the amplifier is configured
in positive unity gain (worst case). When such large capacitive
loads are required, the use of external compensation is highly
recommended.
This reduces the overshoot and minimizes ringing, which in
turn improves the frequency response of the AD8615/AD8616/
AD8618. One simple technique for compensation is the snubber,
which consists of a simple RC network. With this circuit in place,
output swing is maintained and the amplifier is stable at all gains.
Figure 38 shows the implementation of the snubber, which
reduces overshoot by more than 30% and eliminates ringing
that can cause instability. Using the snubber does not recover
the loss of bandwidth incurred from a heavy capacitive load.
TIME (2µs/DIV)
VS = ±2.5V
AV = 1
CL = 500pF
Figure 37. Driving Heavy Capacitive Loads Without Compensation
V+
200Ω
500pF
500pF
V–
VEE
VCC
200mV
+
Figure 38. Snubber Network
TIME (10µs/DIV)
VS =±2.5V
AV = 1
RS = 200Ω
CS = 500pF
CL = 500pF
Figure 39. Driving Heavy Capacitive Loads Using the Snubber Network


Podobny numer części - AD8616_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8616AR AD-AD8616AR Datasheet
495Kb / 16P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. A
AD8616AR AD-AD8616AR Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8616AR AD-AD8616AR Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8616AR AD-AD8616AR Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8616AR-REEL AD-AD8616AR-REEL Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
More results

Podobny opis - AD8616_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8615 AD-AD8615_15 Datasheet
449Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail
Rev. G
AD8618 AD-AD8618_15 Datasheet
449Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail
Rev. G
AD8616 AD-AD8616 Datasheet
495Kb / 16P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. A
AD8616ARMZ AD-AD8616ARMZ Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615 AD-AD8615_08 Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8615 AD-AD8615 Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8601 AD-AD8601_15 Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail
Rev. G
AD8606 AD-AD8606_15 Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail
Rev. N
AD8602 AD-AD8602_15 Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com