Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8618 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD8618
Szczegółowy opis  Precision, 20 MHz, CMOS, Rail-to-Rail
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8618 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD8618_15 Datasheet HTML 5Page - Analog Devices AD8618_15 Datasheet HTML 6Page - Analog Devices AD8618_15 Datasheet HTML 7Page - Analog Devices AD8618_15 Datasheet HTML 8Page - Analog Devices AD8618_15 Datasheet HTML 9Page - Analog Devices AD8618_15 Datasheet HTML 10Page - Analog Devices AD8618_15 Datasheet HTML 11Page - Analog Devices AD8618_15 Datasheet HTML 12Page - Analog Devices AD8618_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD8615/AD8616/AD8618
Rev. G | Page 9 of 20
VS = ±2.5V
VIN = 2V p-p
AV = 10
TIME (200ns/DIV)
Figure 24. Settling Time
TIME (1s/DIV)
VS = 2.7V
Figure 25. 0.1 Hz to 10 Hz Input Voltage Noise
0
200
400
600
800
1000
1200
1400
–700
–500
–300
–100
100
300
500
700
OFFSET VOLTAGE (µV)
VS = 2.7V
TA = 25°C
VCM = 0V TO 2.7V
Figure 26. Input Offset Voltage Distribution
–400
–500
–300
–200
–100
0
100
200
300
400
500
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
COMMON-MODE VOLTAGE (V)
VS = 2.7V
TA = 25°C
Figure 27. Input Offset Voltage vs. Common-Mode Voltage
(200 Units, Five Wafer Lots Including Process Skews)
–400
–500
–300
–200
–100
0
100
200
300
400
500
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
COMMON-MODE VOLTAGE (V)
VS = 3.5V
TA = 25°C
Figure 28. Input Offset Voltage vs. Common-Mode Voltage
(200 Units, Five Wafer Lots Including Process Skews)
SINK
SOURCE
1000
100
10
1
0.1
0.001
0.01
0.1
1
10
ILOAD (mA)
VS = ±1.35V
TA = 25°C
Figure 29. Output Voltage to Supply Rail vs. Load Current


Podobny numer części - AD8618_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8618AR AD-AD8618AR Datasheet
495Kb / 16P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. A
AD8618AR AD-AD8618AR Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8618AR AD-AD8618AR Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8618AR AD-AD8618AR Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8618AR-REEL AD-AD8618AR-REEL Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
More results

Podobny opis - AD8618_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8615 AD-AD8615_15 Datasheet
449Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail
Rev. G
AD8616 AD-AD8616_15 Datasheet
449Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail
Rev. G
AD8616 AD-AD8616 Datasheet
495Kb / 16P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. A
AD8616ARMZ AD-AD8616ARMZ Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615 AD-AD8615_08 Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8615 AD-AD8615 Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8601 AD-AD8601_15 Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail
Rev. G
AD8606 AD-AD8606_15 Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail
Rev. N
AD8602 AD-AD8602_15 Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com