Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8625 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD8625
Szczegółowy opis  Single-Supply JFET Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8625 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD8625_15 Datasheet HTML 5Page - Analog Devices AD8625_15 Datasheet HTML 6Page - Analog Devices AD8625_15 Datasheet HTML 7Page - Analog Devices AD8625_15 Datasheet HTML 8Page - Analog Devices AD8625_15 Datasheet HTML 9Page - Analog Devices AD8625_15 Datasheet HTML 10Page - Analog Devices AD8625_15 Datasheet HTML 11Page - Analog Devices AD8625_15 Datasheet HTML 12Page - Analog Devices AD8625_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD8625/AD8626/AD8627
Rev. F | Page 9 of 20
FREQUENCY (Hz)
–30
–135
–90
–45
–0
45
90
135
180
225
270
315
–20
–10
0
10
20
30
40
50
60
70
10k
100k
1M
10M
50M
VSY = 5V
RL = 2k
CL = 40pF
GAIN
PHASE
Figure 20. Open-Loop Gain and Phase Margin vs. Frequency
FREQUENCY (Hz)
–30
–20
–10
0
10
20
30
40
50
60
70
1k
10k
100k
1M
10M
50M
G = +100
G = +1
G = +10
VSY = ±13V
RL = 2k
CL = 40pF
Figure 21. Closed-Loop Gain vs. Frequency
FREQUENCY (Hz)
–30
–20
–10
0
10
20
30
40
50
60
70
1k
10k
100k
1M
10M
50M
G = +100
G = +1
G = +10
VSY = 5V
RL = 2k
CL = 40pF
Figure 22. Closed-Loop Gain vs. Frequency
FREQUENCY (Hz)
–60
–40
–20
0
20
40
60
80
100
120
140
1k
10k
100k
1M
10M
VSY = ±13V
Figure 23. CMRR vs. Frequency
FREQUENCY (Hz)
–60
–40
–20
0
20
40
60
80
100
120
140
1k
10k
100k
1M
10M
VSY = 5V
Figure 24. CMRR vs. Frequency
FREQUENCY (Hz)
–60
–40
–20
0
20
40
60
80
100
120
140
1k
10k
100k
1M
10M
+PSRR
–PSRR
VSY = ±13V
Figure 25. PSRR vs. Frequency


Podobny numer części - AD8625_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8625 AD-AD8625_13 Datasheet
290Kb / 20P
   Precision Low Power Single-Supply JFET Amplifiers
Rev. F
More results

Podobny opis - AD8625_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8626 AD-AD8626_15 Datasheet
290Kb / 20P
   Single-Supply JFET Amplifiers
Rev. F
AD8627 AD-AD8627_15 Datasheet
290Kb / 20P
   Single-Supply JFET Amplifiers
Rev. F
AD8625 AD-AD8625_13 Datasheet
290Kb / 20P
   Precision Low Power Single-Supply JFET Amplifiers
Rev. F
AD8532 AD-AD8532_15 Datasheet
508Kb / 20P
   Single-Supply Amplifiers
Rev. F
AD8531 AD-AD8531_15 Datasheet
508Kb / 20P
   Single-Supply Amplifiers
Rev. F
logo
ON Semiconductor
2N5460 ONSEMI-2N5460 Datasheet
78Kb / 8P
   JFET Amplifiers
November, 2001 ??Rev. 3
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081_08 Datasheet
338Kb / 15P
   General purpose JFET single operational amplifiers
TL061CDT STMICROELECTRONICS-TL061CDT Datasheet
332Kb / 16P
   Low power JFET single operational amplifiers
March 2009 Rev 3
LF351 STMICROELECTRONICS-LF351_08 Datasheet
622Kb / 14P
   Wide bandwidth single JFET operational amplifiers
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com