Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8628 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD8628
Szczegółowy opis  Zero-Drift, Single-Supply, Rail-to-Rail
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8628 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD8628_15 Datasheet HTML 5Page - Analog Devices AD8628_15 Datasheet HTML 6Page - Analog Devices AD8628_15 Datasheet HTML 7Page - Analog Devices AD8628_15 Datasheet HTML 8Page - Analog Devices AD8628_15 Datasheet HTML 9Page - Analog Devices AD8628_15 Datasheet HTML 10Page - Analog Devices AD8628_15 Datasheet HTML 11Page - Analog Devices AD8628_15 Datasheet HTML 12Page - Analog Devices AD8628_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD8628/AD8629/AD8630
Rev. K | Page 9 of 24
FREQUENCY (Hz)
70
60
50
40
30
20
0
–10
–20
10
–30
1k
10k
100k
1M
10M
VS = 2.7V
CL = 20pF
RL = 2kΩ
AV = 100
AV = 10
AV = 1
Figure 17. Closed-Loop Gain vs. Frequency
FREQUENCY (Hz)
70
60
50
40
30
20
0
–10
–20
10
–30
1k
10k
100k
1M
10M
VS = 5V
CL = 20pF
RL = 2kΩ
AV = 100
AV = 10
AV = 1
Figure 18. Closed-Loop Gain vs. Frequency
FREQUENCY (Hz)
300
270
240
210
180
150
90
60
30
120
0
100
1k
10k
100k
1M
10M
100M
AV = 100
AV = 10
AV = 1
VS = 2.7V
Figure 19. Output Impedance vs. Frequency
FREQUENCY (Hz)
300
270
240
210
180
150
90
60
30
120
0
100
1k
10k
100k
1M
10M
100M
AV = 100
AV = 1
AV = 10
VS = 5V
Figure 20. Output Impedance vs. Frequency
VS = ±1.35V
CL = 300pF
RL = ∞
AV = 1
TIME (4µs/DIV)
0V
Figure 21. Large Signal Transient Response
VS = ±2.5V
CL = 300pF
RL = ∞
AV = 1
TIME (5µs/DIV)
0V
Figure 22. Large Signal Transient Response


Podobny numer części - AD8628_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8628AR AD-AD8628AR Datasheet
476Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
REV. C
AD8628AR AD-AD8628AR Datasheet
410Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. E
AD8628AR AD-AD8628AR Datasheet
432Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. F
AD8628AR-REEL AD-AD8628AR-REEL Datasheet
476Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
REV. C
AD8628AR-REEL AD-AD8628AR-REEL Datasheet
410Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. E
More results

Podobny opis - AD8628_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8554 AD-AD8554_15 Datasheet
440Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail
Rev. E
AD8630 AD-AD8630_15 Datasheet
426Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail
Rev. K
AD8629 AD-AD8629_15 Datasheet
426Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail
Rev. K
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8629S AD-AD8629S_17 Datasheet
151Kb / 9P
   Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8628ART AD-AD8628ART Datasheet
449Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com