Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8655 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD8655
Szczegółowy opis  Precision CMOS Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8655 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD8655_15 Datasheet HTML 7Page - Analog Devices AD8655_15 Datasheet HTML 8Page - Analog Devices AD8655_15 Datasheet HTML 9Page - Analog Devices AD8655_15 Datasheet HTML 10Page - Analog Devices AD8655_15 Datasheet HTML 11Page - Analog Devices AD8655_15 Datasheet HTML 12Page - Analog Devices AD8655_15 Datasheet HTML 13Page - Analog Devices AD8655_15 Datasheet HTML 14Page - Analog Devices AD8655_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD8655/AD8656
Rev. E | Page 11 of 20
Figure 33. |TCVOS| Distribution
Figure 34. Supply Current vs. Temperature
Figure 35. AD8655 Output Voltage to Supply Rail vs. Load Current
Figure 36. AD8656 Output Swing vs. Current Load
Figure 37. Output Voltage Swing High vs. Temperature
Figure 38. Output Voltage Swing Low vs. Temperature
80
70
60
50
40
30
20
10
0
0
0.2
0.4
0.6
0.8
|TCVOS| (µV/°C)
1.0
1.2
1.4
1.6
VS = ±1.35V
4.5
4.0
3.5
3.0
2.5
2.0
–50
0
50
100
150
TEMPERATURE (°C)
VS = ±1.35V
1400
1200
1000
800
600
400
200
0
0
20
40
60
80
LOAD CURRENT (mA)
100
120
VS = ±1.35V
VOH
VOL
100
10
1
0.1
1
10
CURRENT LOAD (mA)
100
10000
1000
VOL
VOH
VS = ±1.35V
2.698
2.694
2.690
2.686
2.682
2.678
2.674
–50
0
50
100
150
TEMPERATURE (°C)
VS = ±1.35V
LOAD CURRENT = 1mA
14
12
10
8
6
4
2
–50
0
50
100
150
TEMPERATURE (°C)
VS = ±1.35V
LOAD CURRENT = 1mA


Podobny numer części - AD8655_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8655 AD-AD8655_13 Datasheet
357Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. D
More results

Podobny opis - AD8655_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8656 AD-AD8656_15 Datasheet
392Kb / 20P
   Precision CMOS Amplifier
Rev. E
logo
National Semiconductor ...
LMC6081 NSC-LMC6081 Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
AD8655 AD-AD8655_13 Datasheet
357Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. D
logo
National Semiconductor ...
LMC6082 NSC-LMC6082 Datasheet
322Kb / 12P
   Precision CMOS Dual Operational Amplifier
logo
ADL Embedded Solutions
ALD1721 ADL-ALD1721 Datasheet
108Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Analog Devices
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
logo
Agamem Microelectronic ...
AA6081 AGAMEM-AA6081 Datasheet
139Kb / 6P
   Precision CMOS Single Operational Amplifier
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
   Precision CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com