Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8667 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD8667
Szczegółowy opis  16 V, 250 A, Dual Precision, CMOS, Rail-to-Rail Output Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8667 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD8667_15 Datasheet HTML 5Page - Analog Devices AD8667_15 Datasheet HTML 6Page - Analog Devices AD8667_15 Datasheet HTML 7Page - Analog Devices AD8667_15 Datasheet HTML 8Page - Analog Devices AD8667_15 Datasheet HTML 9Page - Analog Devices AD8667_15 Datasheet HTML 10Page - Analog Devices AD8667_15 Datasheet HTML 11Page - Analog Devices AD8667_15 Datasheet HTML 12Page - Analog Devices AD8667_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8667
Rev. 0 | Page 9 of 16
VSY = ±8V
AV = –100
TIME (20µs/DIV)
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
–0.30
–0.35
35
30
25
20
15
10
5
0
–5
INPUT VOLTAGE
OUTPUT VOLTAGE
Figure 20. Negative Overload Recovery
1000
100
10
1
10
100
1000
FREQUENCY (Hz)
VSY = ±8V
Figure 21. Voltage Noise Density vs. Frequency
+125°C
–40°C
+25°C
+85°C
0
550
500
450
400
50
100
150
200
250
300
350
600
0
2
4
6
8
101214
16
VSY (V)
VS = 0V TO ±8V, –40°C < TA < +125°C
Figure 22. Supply Current vs. Supply Voltage
10k
1k
100
10
1
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = ±8V
AV = 100
AV = 10
AV = 1
Figure 23. Closed-Loop Output Impedance vs. Frequency
0
–20
–40
–60
–80
–100
–120
–140
–160
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±8V
20kΩ
2kΩ
Figure 24. Channel Separation vs. Frequency


Podobny numer części - AD8667_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8667ARMZ AD-AD8667ARMZ Datasheet
657Kb / 15P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
AD8667ARMZ-R2 AD-AD8667ARMZ-R2 Datasheet
849Kb / 16P
   16 V, 250 關A, Dual Precision, CMOS, Rail-to-Rail Output Operational Amplifier
REV. 0
AD8667ARMZ-R2 AD-AD8667ARMZ-R2 Datasheet
1Mb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8667ARMZ-R21 AD-AD8667ARMZ-R21 Datasheet
825Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. A
More results

Podobny opis - AD8667_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8667 AD-AD8667_07 Datasheet
849Kb / 16P
   16 V, 250 關A, Dual Precision, CMOS, Rail-to-Rail Output Operational Amplifier
REV. 0
AD8698 AD-AD8698 Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
logo
Advanced Linear Devices
ALD2711A ALD-ALD2711A Datasheet
48Kb / 6P
   DUAL MICROPOWER PRECISION RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
ALD2711A ALD-ALD2711A_V01 Datasheet
481Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
ALD2711 ALD-ALD2711_11 Datasheet
85Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
[Old version datasheet]   36-V Precision, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMP2012QML NSC-LMP2012QML Datasheet
326Kb / 12P
   Dual High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMP2011 TI1-LMP2011 Datasheet
1Mb / 33P
[Old version datasheet]   Dual High Precision, Rail-to-Rail Output Operational Amplifier
LMP2012QML TI1-LMP2012QML Datasheet
193Kb / 13P
[Old version datasheet]   Dual High Precision, Rail-to-Rail Output Operational Amplifier
logo
New Japan Radio
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com