Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9054A Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD9054A
Szczegółowy opis  8-Bit, 200 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9054A Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD9054A_15 Datasheet HTML 5Page - Analog Devices AD9054A_15 Datasheet HTML 6Page - Analog Devices AD9054A_15 Datasheet HTML 7Page - Analog Devices AD9054A_15 Datasheet HTML 8Page - Analog Devices AD9054A_15 Datasheet HTML 9Page - Analog Devices AD9054A_15 Datasheet HTML 10Page - Analog Devices AD9054A_15 Datasheet HTML 11Page - Analog Devices AD9054A_15 Datasheet HTML 12Page - Analog Devices AD9054A_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD9054A
–9–
REV. D
ENCODE PULSEWIDTH – ns
50
38
30
0.0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
48
40
36
32
44
42
34
46
fS = 200MSPS
fIN = 10.3MHz
SNR
SINAD
TPC 7. SNR vs. Clock Pulsewidth, (tPWH): fS = 200 MSPS
TC – C
46
38
–60
100
–40
–20
0
2040
6080
45
42
41
40
39
44
43
20MHz
50MHz
70MHz
TPC 8. SINAD vs. Temperature: fS = 135 MSPS
TC – C
46
38
–60
100
–40
–20
0
20
40
60
80
45
42
41
40
39
44
43
20MHz
50MHz
70MHz
TPC 9. SINAD vs. Temperature: fS = 200 MSPS
fS – MSPS
–70
–50
25
225
50
100
150
200
250
300
–68
–58
–56
–54
–52
–64
–60
–66
–62
–48
–46
75
125
175
270
3RD HARMONIC
2ND HARMONIC
TPC 10. Harmonic Distortion vs. fS:fIN = 19.7 MHz
fS – MSPS
–60
0
25
300
50
100
150
225
270
75
125
175
200
250
–40
–20
–10
–50
–30
2ND HARMONIC
3RD HARMONIC
TPC 11. Harmonic Distortion vs. fS:fIN = 70.1 MHz
TC – C
–40
–70
–60
100
–40
–20
0
2040
6080
–45
–50
–55
–60
–65
70MHz
50MHz
20MHz
TPC 12. 2nd Harmonic vs. Temperature: fS = 135 MSPS


Podobny numer części - AD9054A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
   A/D Converter
More results

Podobny opis - AD9054A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
   8-Bit, 200 MSPS A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054A AD-AD9054A Datasheet
332Kb / 19P
   8-Bit, 200 MSPS A/D Converter
REV. B
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
logo
Analog Devices
AD9732 AD-AD9732_15 Datasheet
148Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
National Semiconductor ...
ADC08B200 NSC-ADC08B200_1 Datasheet
657Kb / 32P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
ADC08B200 NSC-ADC08B200 Datasheet
596Kb / 30P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
logo
Fujitsu Component Limit...
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
   8-bit 140 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com