Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9060 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9060
Szczegółowy opis  10-Bit 75 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9060 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9060_15 Datasheet HTML 4Page - Analog Devices AD9060_15 Datasheet HTML 5Page - Analog Devices AD9060_15 Datasheet HTML 6Page - Analog Devices AD9060_15 Datasheet HTML 7Page - Analog Devices AD9060_15 Datasheet HTML 8Page - Analog Devices AD9060_15 Datasheet HTML 9Page - Analog Devices AD9060_15 Datasheet HTML 10Page - Analog Devices AD9060_15 Datasheet HTML 11Page - Analog Devices AD9060_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. B
AD9060
–10–
Offset Binary
Twos Complement
Range
True
Inverted
True
Inverted
0 = –1.75 V
MSB INV = 0
MSB INV = 1
MSB INV = 1
MSB INV = 0
Step
FS = +1.75 V
LSBs INV = 0
LSBs INV = 1
LSBs INV = 0
LSBs INV = 1
1024
> +1.7500
(1)1111111111
(1)0000000000
(1)0111111111
(1)1000000000
1023
+1.7466
1111111111
0000000000
0111111111
1000000000
1022
+1.7432
1111111110
0000000001
0111111110
1000000001
••
••
••
••
••
••
512
+0.0034
1000000000
0111111111
0000000000
1111111111
511
0.000
0111111111
1000000000
1111111111
0000000000
510
–0.0034
0111111110
1000000001
1111111110
0000000001
••
••
••
••
••
••
02
–1.7432
0000000010
1111111101
1000000010
0111111101
01
–1.7466
0000000001
1111111110
1000000001
0111111110
00
< –1.7466
0000000000
1111111111
1000000000
0111111111
The overflow bit is always 0 except where noted in parentheses ( ). MSB INVERT and LSBs INVERT are considered dc controls.
INPUT FREQUENCY – MHz
62
1
56
50
44
38
32
26
20
24
6
8 10
20
40
60 80 100
200
10
9
8
7
6
5
4
3
+25 C
–55 C, +125 C
ENCODE RATE = 60MSPS
Figure 9. SNR and ENOB vs. Input Frequency
CONVERSION RATE – MSPS
10
20
40
60
80
100
62
56
50
44
38
32
26
20
10
9
8
7
6
5
4
3
ANALOG INPUT = 2.3MHz
Figure 10. SNR and ENOB vs. Conversion Rate
Table I. Truth Table
INPUT FREQUENCY – MHz
30
1
35
40
45
50
55
60
65
24
6
8 10
20
40
60 80 100
70
+125 C
+25 C
–55 C
Figure 11. Harmonics vs. Input Frequency
ANALOG INPUT (AIN) – V
–1.8
48
47
46
45
44
–1.2
–0.6
0
0.6
1.2
1.8
70
60
50
40
30
20
10
RESISTANCE
CAPACITANCE
Figure 12. Input Capacitance/Resistance vs. Input Voltage


Podobny numer części - AD9060_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9060/PCB AD-AD9060/PCB Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
AD9060JE AD-AD9060JE Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
AD9060JZ AD-AD9060JZ Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
AD9060KE AD-AD9060KE Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
AD9060KZ AD-AD9060KZ Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
More results

Podobny opis - AD9060_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9060 AD-AD9060 Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
logo
Cadeka Microcircuits LL...
SPT7835 CADEKA-SPT7835 Datasheet
186Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7835 FAIRCHILD-SPT7835 Datasheet
93Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
logo
Intersil Corporation
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1386Y INTERSIL-HI1386Y Datasheet
474Kb / 8P
   8-Bit, 75 MSPS Flash A/D Converter
April 1995
HI1386 INTERSIL-HI1386_03 Datasheet
237Kb / 7P
   8-Bit, 75 MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI1386 RENESAS-HI1386 Datasheet
470Kb / 7P
   8-Bit, 75 MSPS, Flash A/D Converter
March 2003
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
   10-Bit, 40 MSPS A/D Converter
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com