Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9226 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9226
Szczegółowy opis  Complete 12-Bit, 65 MSPS ADC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9226 Arkusz danych(HTML) 3 Page - Analog Devices

  AD9226_15 Datasheet HTML 1Page - Analog Devices AD9226_15 Datasheet HTML 2Page - Analog Devices AD9226_15 Datasheet HTML 3Page - Analog Devices AD9226_15 Datasheet HTML 4Page - Analog Devices AD9226_15 Datasheet HTML 5Page - Analog Devices AD9226_15 Datasheet HTML 6Page - Analog Devices AD9226_15 Datasheet HTML 7Page - Analog Devices AD9226_15 Datasheet HTML 8Page - Analog Devices AD9226_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
REV. B
–3–
AD9226
DIGITAL SPECIFICATIONS
Parameters
Temp
Test Level
Min
Typ
Max
Unit
LOGIC INPUTS (Clock, DFS
1, Duty Cycle1, and
Output Enable
1)
High-Level Input Voltage
Full
IV
2.4
V
Low-Level Input Voltage
Full
IV
0.8
V
High-Level Input Current (VIN = AVDD)
Full
IV
–10
+10
µA
Low-Level Input Current (VIN = 0 V)
Full
IV
–10
+10
µA
Input Capacitance
Full
V
5
pF
Output Enable
1
Full
IV
V
LOGIC OUTPUTS (With DRVDD = 5 V)
High-Level Output Voltage (IOH = 50
µA)
Full
IV
4.5
V
High-Level Output Voltage (IOH = 0.5 mA)
Full
IV
2.4
V
Low-Level Output Voltage (IOL = 1.6 mA)
Full
IV
0.4
V
Low-Level Output Voltage (IOL = 50
µA)
Full
IV
0.1
V
Output Capacitance
5pF
LOGIC OUTPUTS (With DRVDD = 3 V)
High-Level Output Voltage (IOH = 50
µA)
Full
IV
2.95
V
High-Level Output Voltage (IOH = 0.5 mA)
Full
IV
2.80
V
Low-Level Output Voltage (IOL = 1.6 mA)
Full
IV
0.4
V
Low-Level Output Voltage (IOL = 50
µA)
Full
IV
0.05
V
NOTES
1LQFP package.
Specifications subject to change without notice.
SWITCHING SPECIFICATIONS
Parameters
Temp
Test Level
Min
Typ
Max
Unit
Max Conversion Rate
Full
VI
65
MHz
Clock Period
1
Full
V
15.38
ns
CLOCK Pulsewidth High
2
Full
V
3
ns
CLOCK Pulsewidth Low
2
Full
V
3
ns
Output Delay
Full
V
3.5
7
ns
Pipeline Delay (Latency)
Full
V
7
Clock Cycles
Output Enable Delay
3
Full
V
15
ns
NOTES
1The clock period may be extended to 10
µs without degradation in specified performance @ 25°C.
2When MODE pin is tied to AVDD or grounded, the AD9226 SSOP is not affected by clock duty cycle.
3LQFP package.
Specifications subject to change without notice.
(AVDD = 5 V, DRVDD = 3 V, fSAMPLE = 65 MSPS, VREF = 2.0 V, TMIN to TMAX, unless otherwise noted.)
(TMIN to TMAX with AVDD = 5 V, DRVDD = 3 V, CL = 20 pF)
n+1
n+2
n+3
n+4
n+5
n+6
n+7
n+8
n
ANALOG
INPUT
CLOCK
DATA
OUT
n–8
n–7
n–6
n–5
n–4
n–3
n–2
n+1
n
n–1
TOD = 7.0 MAX
3.5 MIN
Figure 1. Timing Diagram
DRVDD
2
05
– .
DRVDD
2
05
+ .


Podobny numer części - AD9226_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9226 AD-AD9226_17 Datasheet
1,018Kb / 29P
   ADC Converter
More results

Podobny opis - AD9226_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9226ARSZ AD-AD9226ARSZ Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD9226 AD-AD9226 Datasheet
1Mb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. 0
AD9226 AD-AD9226_01 Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD15252 AD-AD15252 Datasheet
628Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
AD15252 AD-AD15252_15 Datasheet
636Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com