Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9244 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD9244
Szczegółowy opis  14-Bit, 40 MSPS/65 MSPS A/D Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9244 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD9244_15 Datasheet HTML 4Page - Analog Devices AD9244_15 Datasheet HTML 5Page - Analog Devices AD9244_15 Datasheet HTML 6Page - Analog Devices AD9244_15 Datasheet HTML 7Page - Analog Devices AD9244_15 Datasheet HTML 8Page - Analog Devices AD9244_15 Datasheet HTML 9Page - Analog Devices AD9244_15 Datasheet HTML 10Page - Analog Devices AD9244_15 Datasheet HTML 11Page - Analog Devices AD9244_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD9244
Rev. C | Page 8 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
48 47 46
45 44 43 42
41 40 39 38 37
35
DFS
34
AVDD
33
AGND
30
DGND
31
AVDD
32
AGND
36
SENSE
29
DRVDD
28
OTR
27
D13 (MSB)
25
D11
26
D12
2
AGND
3
AVDD
4
AVDD
7
CLK+
6
CLK–
5
AGND
1
AGND
8
NIC
9
OEB
10
D0 (LSB)
12
D2
11
D1
13 14
15
16 17 18 19 20 21 22
23 24
PIN 1
AD9244
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 5, 32, 33
AGND
Analog Ground.
3, 4, 31, 34
AVDD
Analog Supply Voltage.
6, 7
CLK–, CLK+
Differential Clock Inputs.
8, 44
NIC
No Internal Connection.
9
OEB
Digital Output Enable (Active Low).
10
D0 (LSB)
Least Significant Bit, Digital Output.
11 to 13,
16 to 21,
24 to 26
D1 to D3,
D4 to D9,
D10 to D12
Digital Outputs.
14, 22, 30
DGND
Digital Ground.
15, 23, 29
DRVDD
Digital Supply Voltage.
27
D13 (MSB)
Most Significant Bit, Digital Output.
28
OTR
Out-of-Range Indicator (Logic 1 Indicates OTR).
35
DFS
Data Format Select. Connect to AGND for straight binary, AVDD for twos complement.
36
SENSE
Internal Reference Control.
37
VREF
Internal Reference.
38
REFGND
Reference Ground.
39 to 42
REFB, REFT
Internal Reference Decoupling.
43
DCS
50% Duty Cycle Stabilizer. Connect to AVDD to activate 50% duty cycle stabilizer, AGND for
external control of both clock edges.
45
CML
Common-Mode Reference (0.5 × AVDD).
46, 47
VIN+, VIN–
Differential Analog Inputs.
48
VR
Internal Bias Decoupling.


Podobny numer części - AD9244_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
More results

Podobny opis - AD9244_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9244 AD-AD9244 Datasheet
1Mb / 36P
   14-Bit, 40/65 MSPS Monolithic A/D Converter
REV. A
AD9245 AD-AD9245 Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com