Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9259 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9259
Szczegółowy opis  Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9259 Arkusz danych(HTML) 3 Page - Analog Devices

  AD9259_15 Datasheet HTML 1Page - Analog Devices AD9259_15 Datasheet HTML 2Page - Analog Devices AD9259_15 Datasheet HTML 3Page - Analog Devices AD9259_15 Datasheet HTML 4Page - Analog Devices AD9259_15 Datasheet HTML 5Page - Analog Devices AD9259_15 Datasheet HTML 6Page - Analog Devices AD9259_15 Datasheet HTML 7Page - Analog Devices AD9259_15 Datasheet HTML 8Page - Analog Devices AD9259_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
Data Sheet
AD9259
Rev. E | Page 3 of 52
REVISION HISTORY
12/11—Rev. D to Rev. E
Changes to Output Signals Section and Figure 60......................35
Change to Default Operation and Jumper Selection Settings
Section ..............................................................................................36
Change to Figure 63 ........................................................................39
Added Endnote 2 in Ordering Guide ...........................................51
4/10—Rev. C to Rev. D
Changes to Table 16 ........................................................................33
Updated Outline Dimensions........................................................51
Changes to Ordering Guide...........................................................51
11/09—Rev. B to Rev. C
Added EPAD Note to Figure 5 ......................................................11
Changes to Input Signals Section and Figure 60.........................35
Updated Outline Dimensions........................................................51
Changes to Ordering Guide...........................................................51
7/07—Rev. A to Rev. B
Change to General Description.......................................................1
Changes to Figure 2 and Figure 4....................................................7
Changes to the Hardware Interface Section ................................29
Changes to Table 17 ........................................................................48
5/07—Rev. 0 to Rev. A
Changes to Effective Number of Bits (ENOB)..................................... 4
Changes to Logic Output (SDIO/ODM) .............................................. 5
Added Endnote 3 to Table 3..................................................................... 5
Change to Pipeline Latency ..................................................................... 6
Changes to Figure 2 to Figure 4...............................................................7
Changes to Figure 10...............................................................................12
Changes to Figure 15 to Figure 17, Figure 22, and Figure 31 ..........14
Changes to Figure 21 and Figure 22 Captions....................................15
Changes to Figure 41...............................................................................19
Changes to Clock Duty Cycle Considerations Section.....................20
Changes to Power Dissipation and Power-Down Mode Section ...21
Changes to Figure 50 to Figure 52 Captions.......................................23
Change to Table 8.....................................................................................23
Changes to Table 9 Endnote ..................................................................24
Changes to Digital Outputs and Timing Section...............................25
Added Table 10.........................................................................................25
Changes to RBIAS Pin Section..............................................................26
Deleted Figure 53 and Figure 54 ...........................................................26
Changes to Figure 56...............................................................................27
Changes to Hardware Interface Section ..............................................28
Added Figure 57.......................................................................................29
Changes to Table 15.................................................................................29
Changes to Reading the Memory Map Table Section ......................30
Change to Output Signals Section........................................................34
Changes to Figure 60...............................................................................34
Changes to Default Operation and
Jumper Selection Settings Section ...................................................35
Changes to Alternative Analog Input Drive
Configuration Section........................................................................36
Changes to Figure 63...............................................................................38
Changes to Table 17.................................................................................46
Changes to Ordering Guide...................................................................50
6/06—Revision 0: Initial Version


Podobny numer części - AD9259_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9259 AD-AD9259_17 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
More results

Podobny opis - AD9259_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
AD9259 AD-AD9259 Datasheet
1Mb / 52P
   Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9249 AD-AD9249 Datasheet
1Mb / 36P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
REV. 0
AD9249 AD-AD9249_17 Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
AD9219ABCPZ-40 AD-AD9219ABCPZ-40 Datasheet
2Mb / 56P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9633 AD-AD9633_17 Datasheet
1Mb / 42P
   125 MSPS, Serial LVDS 1.8 V ADC
AD9653 AD-AD9653 Datasheet
1Mb / 40P
   Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com