Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9410 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9410
Szczegółowy opis  10-Bit, 210 MSPS ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9410 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9410_15 Datasheet HTML 7Page - Analog Devices AD9410_15 Datasheet HTML 8Page - Analog Devices AD9410_15 Datasheet HTML 9Page - Analog Devices AD9410_15 Datasheet HTML 10Page - Analog Devices AD9410_15 Datasheet HTML 11Page - Analog Devices AD9410_15 Datasheet HTML 12Page - Analog Devices AD9410_15 Datasheet HTML 13Page - Analog Devices AD9410_15 Datasheet HTML 14Page - Analog Devices AD9410_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD9410
Rev. A | Page 11 of 20
Signal-to-Noise-and-Distortion (SINAD)
The ratio of the rms signal amplitude (set 0.5 dB below full
scale) to the rms value of the sum of all other spectral
components, including harmonics, but excluding dc.
Signal-to-Noise Ratio (Without Harmonics)
The ratio of the rms signal amplitude (set at 0.5 dB below full
scale) to the rms value of the sum of all other spectral
components, excluding the first five harmonics and dc.
Spurious-Free Dynamic Range (SFDR)
The ratio of the rms signal amplitude to the rms value of the
peak spurious spectral component. The peak spurious
component may or may not be a harmonic. It may be reported
in dBc (that is, degrades as signal level is lowered) or dBFS
(always related back to converter full scale).
Transient Response Time
Transient response time is defined as the time it takes for the
ADC to reacquire the analog input after a transient from 10%
above negative full scale to 10% below positive full scale.
Two-Tone Intermodulation Distortion Rejection
The ratio of the rms value of either input tone to the rms
value of the worst third-order intermodulation product;
reported in dBc.
Two-Tone SFDR
The ratio of the rms value of either input tone to the rms value
of the peak spurious component. The peak spurious component
may or may not be an IMD product. May be reported in dBc
(that is, degrades as signal level is lowered) or in dBFS (always
related back to converter full scale).
Worst Other Spur
The ratio of the rms signal amplitude to the rms value of the
worst spurious component (excluding the second and third
harmonic) reported in dBc.
Table 7. Output Coding (VREF = 2.5 V)
Step
AIN − AIN
Digital Outputs Offset Binary
Digital Outputs Twos Complement
ORA, ORB
>+0.768
11 1111 1111
01 1111 1111
1
1023
+0.768
11 1111 1111
01 1111 1111
0
·
·
·
·
·
·
·
·
·
·
513
+0.0015
10 0000 0001
00 0000 0001
0
512
0.0
10 0000 0000
00 0000 0000
0
511
–0.0015
01 1111 1111
11 1111 1111
0
·
·
·
·
·
·
·
·
·
·
0
–0.768
00 0000 0000
10 0000 0000
0
< –0.768
00 0000 0000
10 0000 0000
1


Podobny numer części - AD9410_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9410 AD-AD9410_17 Datasheet
386Kb / 21P
   10-Bit 210 MSPS ADC
More results

Podobny opis - AD9410_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9410 AD-AD9410_17 Datasheet
386Kb / 21P
   10-Bit 210 MSPS ADC
AD9410 AD-AD9410 Datasheet
315Kb / 20P
   10-Bit, 210 MSPS A/D Converter
REV. 0
AD9239 AD-AD9239 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9639BCPZ-170 AD-AD9639BCPZ-170 Datasheet
855Kb / 36P
   Quad, 12-Bit, 170 MSPS/210 MSPS Serial Output 1.8 V ADC
REV. B
AD9740ARRL AD-AD9740ARRL Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
logo
Texas Instruments
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
Analog Devices
AD9740 AD-AD9740_15 Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9634 AD-AD9634 Datasheet
1Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com