Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9432 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9432
Szczegółowy opis  12-Bit, 80 MSPS/105 MSPS ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9432 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD9432_15 Datasheet HTML 2Page - Analog Devices AD9432_15 Datasheet HTML 3Page - Analog Devices AD9432_15 Datasheet HTML 4Page - Analog Devices AD9432_15 Datasheet HTML 5Page - Analog Devices AD9432_15 Datasheet HTML 6Page - Analog Devices AD9432_15 Datasheet HTML 7Page - Analog Devices AD9432_15 Datasheet HTML 8Page - Analog Devices AD9432_15 Datasheet HTML 9Page - Analog Devices AD9432_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD9432
Rev. F | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
THERMAL CHARACTERISTICS
Table 2.
Parameter
Rating
VDD
6 V
VCC
6 V
Analog Inputs
−0.5 V to VCC + 0.5 V
Digital Inputs
−0.5 V to VDD + 0.5 V
VREFIN
−0.5 V to VCC + 0.5 V
Digital Output Current
20 mA
Operating Temperature Range
−55°C to +125°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
Maximum Case Temperature
150°C
Table 3 lists AD9432 thermal characteristics for simulated typical
performance in a 4-layer JEDEC board, horizontal orientation.
Table 3. Thermal Resistance
Package Type
θJA
θJMA
θJC
Unit
52-Lead LQFP (ST-52)
No Airflow
50
°C/W
52-Lead TQFP_EP (SV-52-2)1
2
°C/W
No Airflow
19.3
°C/W
1.0 m/s Airflow
16
°C/W
1 Bottom of package (soldered exposed pad).
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
EXPLANATION OF TEST LEVELS
I
100% production tested.
II
100% production tested at 25°C and sample tested at
specified temperatures.
III Sample tested only.
IV Parameter is guaranteed by design and characterization
testing.
V
Parameter is a typical value only.
VI 100% production tested at 25°C; guaranteed by design and
characterization testing for industrial temperature range.


Podobny numer części - AD9432_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
More results

Podobny opis - AD9432_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD9633 AD-AD9633 Datasheet
1Mb / 40P
   Quad, 12-Bit, 80 MSPS/105 MSPS
REV. 0
AD9627 AD-AD9627_15 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS
REV. B
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com