Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9483 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9483
Szczegółowy opis  Triple 8-Bit, 140 MSPS A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9483 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9483_15 Datasheet HTML 6Page - Analog Devices AD9483_15 Datasheet HTML 7Page - Analog Devices AD9483_15 Datasheet HTML 8Page - Analog Devices AD9483_15 Datasheet HTML 9Page - Analog Devices AD9483_15 Datasheet HTML 10Page - Analog Devices AD9483_15 Datasheet HTML 11Page - Analog Devices AD9483_15 Datasheet HTML 12Page - Analog Devices AD9483_15 Datasheet HTML 13Page - Analog Devices AD9483_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD9483
–10–
REV. C
LOAD CAPACITANCE – pF
9
510
15
20
8.5
8
7.5
7
6.5
6
5.5
5
25
30
4.5
4
TPD 3.3V
TV 3.3V
TV 5V
TPD 5V
TPC 7. Clock Output Delay vs. Capacitance
TPD
TV
VDD – V
8
3
3.3
7
6
5
4
3
2
1
0
3.6
3.9
4.2
4.5
4.75
5
5.25
5.5
9
TPC 8. Output Delay vs. VDD
TPD 3.3V
TPD 5V
TV 3.3V
TV 5V
TEMPERATURE – C
7.5
–40
0
50
100
7
6.5
6
5.5
5
4.5
4
8
8.5
9
TPC 9. Output Delay vs. Temperature
4
IOH – mA
02
10
16
20
5
3
1
0.5
0
VDD = +3.3V
1.5
2
2.5
3.5
4.5
46
8
12
14
18
VDD = +5V
TPC 10. Output Voltage HIGH vs. Output Current
VDD = +3.3V
VDD = +5V
IOL
05
10
15
20
2
1.6
1.2
0.8
0.2
0
0.4
0.6
1
1.4
1.8
TPC 11. Output Voltage LOW vs. Output Current
VDD – V
600
0
500
400
300
200
100
3
3.5
4
4.5
5
5.5
TPC 12. Output Power vs. VDD, CLOAD = 10 pF


Podobny numer części - AD9483_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9483/PCB AD-AD9483/PCB Datasheet
319Kb / 26P
   Triple 8-Bit, 140 MSPS A/D Converter
REV. A
AD9483KS-100 AD-AD9483KS-100 Datasheet
319Kb / 26P
   Triple 8-Bit, 140 MSPS A/D Converter
REV. A
AD9483KS-140 AD-AD9483KS-140 Datasheet
319Kb / 26P
   Triple 8-Bit, 140 MSPS A/D Converter
REV. A
More results

Podobny opis - AD9483_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9483 AD-AD9483 Datasheet
319Kb / 26P
   Triple 8-Bit, 140 MSPS A/D Converter
REV. A
logo
Fujitsu Component Limit...
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
   8-bit 140 MSPS A/D Converter
MB40C318V FUJITSU-MB40C318V Datasheet
171Kb / 16P
   8-bit 140 MSPS A/D Converter
logo
Intersil Corporation
HI3026A INTERSIL-HI3026A Datasheet
206Kb / 17P
   8-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI3026A INTERSIL-HI3026A_03 Datasheet
724Kb / 17P
   8-Bit, 140 MSPS, Flash A/D Converter
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Intersil Corporation
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
   6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI1826 INTERSIL-HI1826 Datasheet
52Kb / 8P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com