Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9483 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9483
Szczegółowy opis  Triple 8-Bit, 140 MSPS A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9483 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9483_15 Datasheet HTML 7Page - Analog Devices AD9483_15 Datasheet HTML 8Page - Analog Devices AD9483_15 Datasheet HTML 9Page - Analog Devices AD9483_15 Datasheet HTML 10Page - Analog Devices AD9483_15 Datasheet HTML 11Page - Analog Devices AD9483_15 Datasheet HTML 12Page - Analog Devices AD9483_15 Datasheet HTML 13Page - Analog Devices AD9483_15 Datasheet HTML 14Page - Analog Devices AD9483_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD9483
–11–
REV. C
fS – MSPS
0
30
30
60
140
180
34
38
42
46
50
100
SNR
SINAD
32
36
40
44
48
TPC 13. SNR vs. fS: fIN = 19.7 MHz
3RD HARMONIC
2ND HARMONIC
fS – MSPS
0
25
50
130
170
–75
90
–70
–65
–60
–55
–50
TPC 14. Harmonic Distortion vs. fS: fIN = 19.7 MHz
MHz
0
–90
10
20
30
40
50
60
70
80
90
100
–80
–70
–60
–50
–40
–30
–20
–10
0
FUNDAMENTAL = –0.5dBFS
SNR = 45.8dB
SINAD = 45.2dB
2ND HARMONIC = 69.8dB
3RD HARMONIC = 61.6dB
TPC 15. Spectrum: fS = 140 MSPS, fIN = 19.57 MHz
SNR
SINAD
fS – MSPS
0
30
20
140
180
34
38
42
46
50
32
36
40
44
48
40
60
80
100
120
160
200
TPC 16. SNR vs fS: fIN = 71.7 MHz
3RD HARMONIC
2ND HARMONIC
fS – MSPS
0
–36
40
80
155
175
120
–38
–40
–42
–44
–46
–48
–50
–52
–54
–56
TPC 17. Harmonic Distortion vs fS: fIN = 71.7 MHz
MHz
0
–90
10
20
30
40
50
60
70
80
90
100
–80
–70
–60
–50
–40
–30
–20
–10
0
FUNDAMENTAL = –0.5dBFS
SNR = 44.6dB
SINAD = 37.6dB
2ND HARMONIC = 63.1dB
3RD HARMONIC = 39.1dB
TPC 18. Spectrum: fS = 140 MSPS, fIN = 70.3 MHz


Podobny numer części - AD9483_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9483/PCB AD-AD9483/PCB Datasheet
319Kb / 26P
   Triple 8-Bit, 140 MSPS A/D Converter
REV. A
AD9483KS-100 AD-AD9483KS-100 Datasheet
319Kb / 26P
   Triple 8-Bit, 140 MSPS A/D Converter
REV. A
AD9483KS-140 AD-AD9483KS-140 Datasheet
319Kb / 26P
   Triple 8-Bit, 140 MSPS A/D Converter
REV. A
More results

Podobny opis - AD9483_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9483 AD-AD9483 Datasheet
319Kb / 26P
   Triple 8-Bit, 140 MSPS A/D Converter
REV. A
logo
Fujitsu Component Limit...
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
   8-bit 140 MSPS A/D Converter
MB40C318V FUJITSU-MB40C318V Datasheet
171Kb / 16P
   8-bit 140 MSPS A/D Converter
logo
Intersil Corporation
HI3026A INTERSIL-HI3026A Datasheet
206Kb / 17P
   8-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI3026A INTERSIL-HI3026A_03 Datasheet
724Kb / 17P
   8-Bit, 140 MSPS, Flash A/D Converter
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Intersil Corporation
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
   6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI1826 INTERSIL-HI1826 Datasheet
52Kb / 8P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com