Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMA5101 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części SMA5101
Szczegółowy opis  Mixer, IIP3 15dBm, Gc -0.5dB 450MHz, MCPH6
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMA5101 Arkusz danych(HTML) 1 Page - ON Semiconductor

  SMA5101 Datasheet HTML 1Page - ON Semiconductor SMA5101 Datasheet HTML 2Page - ON Semiconductor SMA5101 Datasheet HTML 3Page - ON Semiconductor SMA5101 Datasheet HTML 4Page - ON Semiconductor SMA5101 Datasheet HTML 5Page - ON Semiconductor SMA5101 Datasheet HTML 6Page - ON Semiconductor SMA5101 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
90512 TKIM/O0610AM TKIM TC-00002495 No. A1839-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
SMA5101
MMIC
Mixer, IIP3=15dBm, Gc=-0.5dB@450MHz, MCPH6
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Wide band : up to Ku band
High conversion gain : --0.5dB (@450MHz)
Low distortion : IIP3=20dBm (@ICC > 11mA)
Low voltage available : 1.2V and above
SMT, Ultra small package : 2.0×2.1×0.85mm
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
8V
Collector-to-Emitter Voltage
VCEO
6V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
ICC
50
mA
Max Power Dissipation
PC
280
mW
Operating Temperature
Topr
--40 to +85
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7022A-020
Ordering number : ENA1839A
Product & Package Information
• Package
: MCPH6
• JEITA, JEDEC
: SC-88, SC-70-6, SOT-363
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Equivalent Circuit
TL
1 : Base2
2 : Collector1
3 : Collector2
4 : Emitter2
5 : Emitter1
6 : Base1
MCPH6
2.0
0.3
0.65
0.15
0 to 0.02
65
4
12
3
65
4
12
3
SMA5101-TL-H
LD
1
6
2
3
4
5
IT15506


Podobny numer części - SMA5101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SMA5101 SANKEN-SMA5101 Datasheet
21Kb / 1P
   N-channel General purpose
logo
Sanyo Semicon Device
SMA5101 SANYO-SMA5101 Datasheet
87Kb / 5P
   RF Double Balanced Mixer IC
SMA5101 SANYO-SMA5101 Datasheet
607Kb / 7P
   RF Double Balanced Mixer IC
SMA5101 SANYO-SMA5101_12 Datasheet
607Kb / 7P
   RF Double Balanced Mixer IC
More results

Podobny opis - SMA5101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX2335 MAXIM-MAX2335 Datasheet
228Kb / 11P
   450MHz CDMA/OFDM LNA/Mixer
Rev 0; 10/05
logo
BeRex Corporation
BM831 BEREX-BM831 Datasheet
1Mb / 16P
   0.7~1.4GHz High IIP3 GaAs MMIC Mixer
BM851 BEREX-BM851 Datasheet
1Mb / 12P
   1.7~2.7GHz High IIP3 GaAs MMIC Mixer
BM831 BEREX-BM831_18 Datasheet
1Mb / 16P
   0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
BM851 BEREX-BM851_18 Datasheet
1Mb / 12P
   1.7~2.7GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
logo
M/A-COM Technology Solu...
MADC-010736 MA-COM-MADC-010736 Datasheet
761Kb / 6P
   Receiver, High IIP3
logo
Transcom, Inc.
TA060-120-22-15 TRANSCOM-TA060-120-22-15 Datasheet
101Kb / 2P
   6.0 ??12.0 GHz 15dBm Amplifier
logo
RF Micro Devices
STA-5063-Z RFMD-STA-5063-Z Datasheet
585Kb / 10P
   GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
logo
Weidmuller
2592030000 WEIDMULLER-2592030000 Datasheet
58Kb / 2P
   HDC MRJ45 GC F
logo
M/A-COM Technology Solu...
MAAV-011013 MA-COM-MAAV-011013 Datasheet
1Mb / 9P
   High Linearity, 30 dBm IIP3
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com