Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9540 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9540
Szczegółowy opis  655 MHz Low Jitter Clock Generator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9540 Arkusz danych(HTML) 3 Page - Analog Devices

  AD9540_15 Datasheet HTML 1Page - Analog Devices AD9540_15 Datasheet HTML 2Page - Analog Devices AD9540_15 Datasheet HTML 3Page - Analog Devices AD9540_15 Datasheet HTML 4Page - Analog Devices AD9540_15 Datasheet HTML 5Page - Analog Devices AD9540_15 Datasheet HTML 6Page - Analog Devices AD9540_15 Datasheet HTML 7Page - Analog Devices AD9540_15 Datasheet HTML 8Page - Analog Devices AD9540_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD9540
Rev. A | Page 3 of 32
PRODUCT OVERVIEW
The AD9540 is Analog Devices’ first dedicated clocking
product specifically designed to support the extremely stringent
clocking requirements of the highest performance data
converters. The device features high performance PLL (phase-
locked loop) circuitry, including a flexible 200 MHz phase
frequency detector and a digitally controlled charge pump
current. The device also provides a low jitter, 655 MHz CML-
mode, PECL-compliant output driver with programmable slew
rates. External VCO rates up to 2.7 GHz are supported.
Extremely fine tuning resolution (steps less than 2.33 µHz) is
another feature supported by this device. Information is loaded
into the AD9540 via a serial I/O port that has a device write
speed of 25 Mbps. The AD9540 frequency divider block can
also be programmed to support a spread spectrum mode of
operation.
The AD9540 is specified to operate over the extended
automotive range of −40°C to +85°C.


Podobny numer części - AD9540_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
   655 MHz Low Jitter Clock Generator
More results

Podobny opis - AD9540_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
   655 MHz Low Jitter Clock Generator
AD9540 AD-AD9540 Datasheet
485Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. 0
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670_09 Datasheet
202Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
   FlexOut Ultra Low Jitter Clock Generator
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670 Datasheet
339Kb / 13P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
MAX3672 MAXIM-MAX3672 Datasheet
493Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2697; Rev 0; 12/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com