Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9631 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9631
Szczegółowy opis  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9631 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9631_15 Datasheet HTML 6Page - Analog Devices AD9631_15 Datasheet HTML 7Page - Analog Devices AD9631_15 Datasheet HTML 8Page - Analog Devices AD9631_15 Datasheet HTML 9Page - Analog Devices AD9631_15 Datasheet HTML 10Page - Analog Devices AD9631_15 Datasheet HTML 11Page - Analog Devices AD9631_15 Datasheet HTML 12Page - Analog Devices AD9631_15 Datasheet HTML 13Page - Analog Devices AD9631_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD9631/AD9632
Data Sheet
Rev. D | Page 10 of 20
Figure 29. AD9632 Small Signal Frequency Response, G = +2
Figure 30. AD9632 0.1 dB Flatness, N Package (for R Package Add 20 Ω to RF)
Figure 31. AD9632 Open-Loop Gain and Phase Margin vs. Frequency,
RL = 100 Ω
Figure 32. AD9632 Small Signal −3 dB Bandwidth vs. RF, RIN
Figure 33. AD9632 Large Signal Frequency Response, G = +2
Figure 34. AD9632 Small Signal Frequency Response, G = −1
7
–3
–2
–1
0
1
2
3
4
5
6
1M
10M
100M
1G
FREQUENCY (Hz)
VS = ±5V
RL = 100Ω
VOUT = 300mV p-p
RF = 425Ω
RF = 225Ω
RF = 125Ω
RF = 325Ω
0.1
–0.9
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
1M
10M
100M
FREQUENCY (Hz)
VS = ±5V
RL = 100Ω
G = +2
VOUT = 300mV p-p
RF = 275Ω
RF = 325Ω
RF = 375Ω
RF = 425Ω
65
–15
–10
–5
0
5
10
15
20
25
30
35
40
45
50
55
60
100
150
50
0
–50
–100
–150
–200
–250
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
PHASE
GAIN
375
350
325
300
275
250
225
200
175
150
125
50
100
150
200
250
300
350
400
450
500
550
600
VALUE OF RF, RIN (Ω)
VS = ±5V
RL = 100Ω
G = +2
N PACKAGE
R PACKAGE
AD9632
RF
RL
100Ω
49.9Ω
RIN
7
–3
–2
–1
0
1
2
3
4
5
6
1M
10M
100M
500M
FREQUENCY (Hz)
VS = ±5V
RL = 100Ω
VOUT = 4V p-p
RF = 425Ω
RF = 125Ω TO 425Ω
BY 100Ω
1
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1M
10M
100M
1G
FREQUENCY (Hz)
VS = ±5V
RL = 100Ω
VOUT = 300mV p-p
RF, RIN = 267Ω


Podobny numer części - AD9631_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9631-EB AD-AD9631-EB Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9631AN AD-AD9631AN Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9631AN AD-AD9631AN Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631AN AD-AD9631AN Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631AN AD-AD9631AN Datasheet
574Kb / 20P
   Ultralow Distortion, Wide BandwidthVoltage Feedback Op Amps
REV. C
More results

Podobny opis - AD9631_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9632 AD-AD9632_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631ARZ AD-AD9631ARZ Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631 AD-AD9631 Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9631 AD-AD9631_03 Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9632ARZ AD-AD9632ARZ Datasheet
574Kb / 20P
   Ultralow Distortion, Wide BandwidthVoltage Feedback Op Amps
REV. C
AD8036 AD-AD8036_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036_2000 AD-AD8036_2000 Datasheet
425Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8037 AD-AD8037_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036 AD-AD8036 Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
AD8037ARZ AD-AD8037ARZ Datasheet
605Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com