Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9740 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD9740
Szczegółowy opis  10-Bit, 210 MSPS TxDAC D/A Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9740 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD9740_15 Datasheet HTML 3Page - Analog Devices AD9740_15 Datasheet HTML 4Page - Analog Devices AD9740_15 Datasheet HTML 5Page - Analog Devices AD9740_15 Datasheet HTML 6Page - Analog Devices AD9740_15 Datasheet HTML 7Page - Analog Devices AD9740_15 Datasheet HTML 8Page - Analog Devices AD9740_15 Datasheet HTML 9Page - Analog Devices AD9740_15 Datasheet HTML 10Page - Analog Devices AD9740_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD9740
Rev. B | Page 7 of 32
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
With
Respect to
Min
Max
Unit
AVDD
ACOM
−0.3
+3.9
V
DVDD
DCOM
−0.3
+3.9
V
CLKVDD
CLKCOM
−0.3
+3.9
V
ACOM
DCOM
−0.3
+0.3
V
ACOM
CLKCOM
−0.3
+0.3
V
DCOM
CLKCOM
−0.3
+0.3
V
AVDD
DVDD
−3.9
+3.9
V
AVDD
CLKVDD
−3.9
+3.9
V
DVDD
CLKVDD
−3.9
+3.9
V
CLOCK, SLEEP
DCOM
−0.3
DVDD + 0.3
V
Digital Inputs, MODE
DCOM
−0.3
DVDD + 0.3
V
IOUTA, IOUTB
ACOM
−1.0
AVDD + 0.3
V
REFIO, REFLO, FS ADJ
ACOM
−0.3
AVDD + 0.3
V
CLK+, CLK−, MODE
CLKCOM
−0.3
CLKVDD + 0.3
V
Junction
Temperature
150
°C
Storage
Temperature
Range
−65
+150
°C
Lead Temperature
(10 sec)
300
°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum ratings for extended periods may effect
device reliability.
THERMAL CHARACTERISTICS1
Thermal Resistance
28-Lead 300-Mil SOIC
θJA = 55.9°C/W
28-Lead TSSOP
θJA = 67.7°C/W
32-Lead LFCSP
θJA = 32.5°C/W
1 Thermal impedance measurements were taken on a 4-layer board in still air,
in accordance with EIA/JESD51-7.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Podobny numer części - AD9740_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9740-EB AD-AD9740-EB Datasheet
743Kb / 20P
   10-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
AD9740-EB AD-AD9740-EB Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9740ACP AD-AD9740ACP Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9740ACP-PCB AD-AD9740ACP-PCB Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9740ACPRL7 AD-AD9740ACPRL7 Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
More results

Podobny opis - AD9740_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9740ARRL AD-AD9740ARRL Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
   8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9410 AD-AD9410 Datasheet
315Kb / 20P
   10-Bit, 210 MSPS A/D Converter
REV. 0
AD9760 AD-AD9760 Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9740 AD-AD9740 Datasheet
743Kb / 20P
   10-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
AD9763 AD-AD9763 Datasheet
460Kb / 28P
   10-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
AD9750 AD-AD9750 Datasheet
302Kb / 22P
   10-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9751 AD-AD9751 Datasheet
714Kb / 26P
   10-Bit, 300 MSPS High-Speed TxDAC D/A Converter
REV. 0
AD9708 AD-AD9708 Datasheet
246Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com