Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9779A Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9779A
Szczegółowy opis  Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9779A Arkusz danych(HTML) 5 Page - Analog Devices

  AD9779A_15 Datasheet HTML 1Page - Analog Devices AD9779A_15 Datasheet HTML 2Page - Analog Devices AD9779A_15 Datasheet HTML 3Page - Analog Devices AD9779A_15 Datasheet HTML 4Page - Analog Devices AD9779A_15 Datasheet HTML 5Page - Analog Devices AD9779A_15 Datasheet HTML 6Page - Analog Devices AD9779A_15 Datasheet HTML 7Page - Analog Devices AD9779A_15 Datasheet HTML 8Page - Analog Devices AD9779A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
AD9776A/AD9778A/AD9779A
Rev. B | Page 5 of 56
SPECIFICATIONS
DC SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFs = 20 mA, maximum sample rate, unless
otherwise noted.
Table 1.
AD9776A
AD9778A
AD9779A
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
14
16
Bits
ACCURACY
Differential Nonlinearity (DNL)
±0.1
±0.65
±2.1
LSB
Integral Nonlinearity (INL)
±0.86
±1.5
±6.0
LSB
MAIN DAC OUTPUTS
Offset Error
−0.001
0
+0.001
−0.001
0
+0.001
−0.001
0
+0.001
% FSR
Gain Error (with Internal Reference)
±2
±2
±2
% FSR
Full-Scale Output Current1
8.66
20.2
31.66
8.66
20.2
31.66
8.66
20.2
31.66
mA
Output Compliance Range
−1.0
+1.0
−1.0
+1.0
−1.0
+1.0
V
Output Resistance
10
10
10
Gain DAC Monotonicity
Guaranteed
Guaranteed
Guaranteed
MAIN DAC TEMPERATURE DRIFT
Offset
0.04
0.04
0.04
ppm/°C
Gain
100
100
100
ppm/°C
Reference Voltage
30
30
30
ppm/°C
AUXILIARY DAC OUTPUTS
Resolution
10
10
10
Bits
Full-Scale Output Current1
−1.998
+1.998
−1.998
+1.998
−1.998
+1.998
mA
Output Compliance Range (Source)
0
1.6
0
1.6
0
1.6
V
Output Compliance Range (Sink)
0.8
1.6
0.8
1.6
0.8
1.6
V
Output Resistance
1
1
1
Auxiliary DAC Monotonicity
Guaranteed
Guaranteed
Guaranteed
REFERENCE
Internal Reference Voltage
1.2
1.2
1.2
V
Output Resistance
5
5
5
ANALOG SUPPLY VOLTAGES
AVDD33
3.13
3.3
3.47
3.13
3.3
3.47
3.13
3.3
3.47
V
CVDD18
1.70
1.8
2.05
1.70
1.8
2.05
1.70
1.8
2.05
V
DIGITAL SUPPLY VOLTAGES
DVDD33
3.13
3.3
3.47
3.13
3.3
3.47
3.13
3.3
3.47
V
DVDD18
1.70
1.8
2.05
1.70
1.8
2.05
1.70
1.8
2.05
V
POWER CONSUMPTION2
1× Mode, fDAC = 100 MSPS, IF = 1 MHz
250
300
250
300
250
300
mW
2× Mode, fDAC = 320 MSPS, IF = 16 MHz, PLL Off
498
498
498
mW
2× Mode, fDAC = 320 MSPS, IF = 16 MHz, PLL On
588
588
588
mW
4× Mode, fDAC/4 Modulation, fDAC = 500 MSPS,
IF = 137.5 MHz, Q DAC Off
572
572
572
mW
8× Mode, fDAC/4 Modulation, fDAC = 1 GSPS,
IF = 262.5 MHz
980
980
980
mW
Power-Down Mode
2.5
9.8
2.5
9.8
2.5
9.8
mW
Power Supply Rejection Ratio, AVDD33
−0.3
+0.3
−0.3
+0.3
−0.3
+0.3
% FSR/V
OPERATING RANGE
−40
+25
+85
−40
+25
+85
−40
+25
+85
°C
1 Based on a 10 kΩ external resistor.
2 See the Power Dissipation section for more details.


Podobny numer części - AD9779A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9779A-EBZ AD-AD9779A-EBZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9779ABSVZ AD-AD9779ABSVZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9779ABSVZ AD-AD9779ABSVZ Datasheet
1Mb / 55P
   Digital-to-Analog Converters
AD9779ABSVZRL AD-AD9779ABSVZRL Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9779ABSVZRL AD-AD9779ABSVZRL Datasheet
1Mb / 55P
   Digital-to-Analog Converters
More results

Podobny opis - AD9779A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779 AD-AD9779_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9776 AD-AD9776 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9779BSVZ AD-AD9779BSVZ Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9776A AD-AD9776A Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9778 AD-AD9778_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9779ABSVZ AD-AD9779ABSVZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9776A AD-AD9776A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9161 AD-AD9161 Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
logo
Texas Instruments
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com