Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9779A Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD9779A
Szczegółowy opis  Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9779A Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD9779A_15 Datasheet HTML 5Page - Analog Devices AD9779A_15 Datasheet HTML 6Page - Analog Devices AD9779A_15 Datasheet HTML 7Page - Analog Devices AD9779A_15 Datasheet HTML 8Page - Analog Devices AD9779A_15 Datasheet HTML 9Page - Analog Devices AD9779A_15 Datasheet HTML 10Page - Analog Devices AD9779A_15 Datasheet HTML 11Page - Analog Devices AD9779A_15 Datasheet HTML 12Page - Analog Devices AD9779A_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
AD9776A/AD9778A/AD9779A
Rev. B | Page 9 of 56
ABSOLUTE MAXIMUM RATINGS
Table 5.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Parameter
With Respect To
Rating
AVDD33, DVDD33
AGND, DGND,
CGND
−0.3 V to +3.6 V
DVDD18, CVDD18
AGND, DGND,
CGND
−0.3 V to +2.1 V
AGND
DGND, CGND
−0.3 V to +0.3 V
DGND
AGND, CGND
−0.3 V to +0.3 V
CGND
AGND, DGND
−0.3 V to +0.3 V
I120, VREF, IPTAT
AGND
−0.3 V to
AVDD33 + 0.3 V
OUT1_P, OUT1_N,
OUT2_P, OUT2_N,
AUX1_P, AUX1_N,
AUX2_P, AUX2_N
AGND
−1.0 V to
AVDD33 + 0.3 V
P1D[15:0], P2D[15:0]
DGND
−0.3 V to
DVDD33 + 0.3 V
DATACLK, TXENABLE
DGND
−0.3 V to
DVDD33 + 0.3 V
REFCLK+, REFCLK−
CGND
−0.3 V to
CVDD18 + 0.3 V
RESET, IRQ, PLL_LOCK,
SYNC_O+, SYNC_O−,
SYNC_I+, SYNC_I−,
CSB, SCLK, SDIO, SDO
DGND
−0.3 V to
DVDD33 + 0.3 V
Junction Temperature
+125°C
Storage Temperature
Range
−65°C to +150°C
THERMAL RESISTANCE
For optimal thermal performance, the exposed paddle (EPAD)
should be soldered to the ground plane for the 100-lead,
thermally enhanced TQFP package.
Typical θJA and θJC are specified for a 4-layer board in still air.
Airflow increases heat dissipation, effectively reducing θJA.
Table 6. Thermal Resistance
Package Type
θJA
θJB
θJC
Unit
100-Lead TQFP
EPAD Soldered
19.1
12.4
7.1
°C/W
EPAD Not Soldered
27.4
°C/W
ESD CAUTION


Podobny numer części - AD9779A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9779A-EBZ AD-AD9779A-EBZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9779ABSVZ AD-AD9779ABSVZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9779ABSVZ AD-AD9779ABSVZ Datasheet
1Mb / 55P
   Digital-to-Analog Converters
AD9779ABSVZRL AD-AD9779ABSVZRL Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9779ABSVZRL AD-AD9779ABSVZRL Datasheet
1Mb / 55P
   Digital-to-Analog Converters
More results

Podobny opis - AD9779A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779 AD-AD9779_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9776 AD-AD9776 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9779BSVZ AD-AD9779BSVZ Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9776A AD-AD9776A Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9778 AD-AD9778_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9779ABSVZ AD-AD9779ABSVZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9776A AD-AD9776A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9161 AD-AD9161 Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
logo
Texas Instruments
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com