Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9830 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD9830
Szczegółowy opis  DIRECT DIGITAL SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9830 Arkusz danych(HTML) 2 Page - Analog Devices

  AD9830_15 Datasheet HTML 1Page - Analog Devices AD9830_15 Datasheet HTML 2Page - Analog Devices AD9830_15 Datasheet HTML 3Page - Analog Devices AD9830_15 Datasheet HTML 4Page - Analog Devices AD9830_15 Datasheet HTML 5Page - Analog Devices AD9830_15 Datasheet HTML 6Page - Analog Devices AD9830_15 Datasheet HTML 7Page - Analog Devices AD9830_15 Datasheet HTML 8Page - Analog Devices AD9830_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
AD9830–SPECIFICATIONS1
Parameter
AD9830A
Units
Test Conditions/Comments
SIGNAL DAC SPECIFICATIONS
Resolution
10
Bits
Update Rate (fMAX)
50
MSPS max
IOUT Full Scale
20
mA max
Output Compliance
1
V max
DC Accuracy
Integral Nonlinearity
±1
LSB typ
Differential Nonlinearity
±0.5
LSB typ
DDS SPECIFICATIONS
2
Dynamic Specifications
Signal-to-Noise Ratio
50
dB min
fMCLK = fMAX , fOUT = 2 MHz
Total Harmonic Distortion
–53
dBc max
fMCLK = fMAX , fOUT = 2 MHz
Spurious Free Dynamic Range (SFDR)
3
fMCLK = 6.25 MHz, fOUT = 2.11 MHz
Narrow Band
(
±50 kHz)
–72
dBc min
(
±200 kHz)
–68
dBc min
Wide Band (
±2 MHz)
–50
dBc min
Clock Feedthrough
–55
dBc typ
Wake Up Time
1
ms typ
Power-Down Option
Yes
VOLTAGE REFERENCE
Internal Reference @ +25
°C
1.21
Volts typ
TMIN to TMAX
1.21
± 7%
Volts min/max
REFIN Input Impedance
10
M
Ω typ
Reference TC
100
ppm/
°C typ
REFOUT Impedance
300
Ω typ
LOGIC INPUTS
VINH, Input High Voltage
VDD–0.9
V min
VINL, Input Low Voltage
0.9
V max
IINH, Input Current
10
µA max
CIN, Input Capacitance
10
pF max
POWER SUPPLIES
fOUT = 2 MHz
AVDD
4.75/5.25
V min/V max
DVDD
4.75/5.25
V min/V max
IAA
25
mA max
IDD
6 + 0.5/MHz
mA typ
IAA + IDD
4
60
mA max
Low Power Sleep Mode
5
0.25
mA typ
1 M
Ω Resistor Tied Between
1
mA max
REFOUT and AGND
(VDD = +5 V
5%; AGND = DGND = 0 V; TA = TMIN to TMAX; REFIN = REFOUT;
RSET = 1 k ; RLOAD = 51
for IOUT and IOUT unless otherwise noted)
NOTES
1Operating temperature range is as follows: A Version: –40
°C to +85°C.
2All dynamic specifications are measured using IOUT. 100% production tested.
3f
MCLK = 6.25 MHz, Frequency Word = 5671C71C HEX, f OUT = 2.11 MHz.
4Measured with the digital inputs static and equal to 0 V or DVDD.
5The Low Power Sleep Mode current is 2 mA typically when a 1 M
Ω resistor is
not tied from REFOUT to AGND.
The AD9830 is tested with a capacitive load of 50 pF. The part can be operated
with higher capacitive loads, but the magnitude of the analog output will be attenu-
ated. For example, a 10 MHz output signal will be attenuated by 3 dB when the
load capacitance equals 250 pF.
Specifications subject to change without notice.
FULL-SCALE
CONTROL
10-BIT
DAC
SIN
ROM
ON-BOARD
REFERENCE
12
REFOUT
REFIN
FS
ADJUST
COMP
IOUT
IOUT
51
50pF
51
50pF
AVDD
RSET
1k
10nF
10nF
Figure 1. Test Circuit with Which Specifications Are
Tested
REV. B


Podobny numer części - AD9830_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9830AST AD-AD9830AST Datasheet
218Kb / 16P
   CMOS Complete DDS
REV. A
More results

Podobny opis - AD9830_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9831 AD-AD9831_15 Datasheet
540Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
logo
Intersil Corporation
ISL5314 INTERSIL-ISL5314 Datasheet
284Kb / 17P
   Direct Digital Synthesizer
ISL5314 INTERSIL-ISL5314_05 Datasheet
292Kb / 16P
   Direct Digital Synthesizer
logo
Renesas Technology Corp
ISL5314 RENESAS-ISL5314 Datasheet
729Kb / 17P
   Direct Digital Synthesizer
logo
Analog Devices
AD9859 AD-AD9859_17 Datasheet
522Kb / 24P
   CMOS Direct Digital Synthesizer
AD9910 AD-AD9910_16 Datasheet
1Mb / 64P
   CMOS Direct Digital Synthesizer
logo
Intersil Corporation
HSP45314 INTERSIL-HSP45314 Datasheet
118Kb / 14P
   CommLinkTM Direct Digital Synthesizer
HSP45314 INTERSIL-HSP45314_01 Datasheet
332Kb / 14P
   CommLinkTM Direct Digital Synthesizer
logo
Analog Devices
AD9913 AD-AD9913_17 Datasheet
723Kb / 32P
   CMOS Direct Digital Synthesizer
logo
Renesas Technology Corp
HSP45314 RENESAS-HSP45314 Datasheet
1Mb / 14P
   CommLinkTM Direct Digital Synthesizer
Jan 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com