Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KIA0002C Arkusz danych(PDF) 1 Page - KODENSHI_AUK CORP.

Numer części KIA0002C
Szczegółowy opis  Photo Interrupter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KODENSHI [KODENSHI_AUK CORP.]
Strona internetowa  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KIA0002C Arkusz danych(HTML) 1 Page - KODENSHI_AUK CORP.

  KIA0002C Datasheet HTML 1Page - KODENSHI_AUK CORP. KIA0002C Datasheet HTML 2Page - KODENSHI_AUK CORP. KIA0002C Datasheet HTML 3Page - KODENSHI_AUK CORP. KIA0002C Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KIA0002C
Rev. date: 28-JAN-11
KSD-XXXXXX-000
Photo Interrupter
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Description
The KIA0002C actuator type photo-interrupter combine high output
GaAs IrED with high sensitive phototransistor and actuator, is ideal for
copiers, facsimiles.
Features
Snap in mount.
Connector type.
Widely applicable.
RoHS compliant.
Applications
Banking machines.
Copiers.
Printers.
Facsimiles.
Absolute Maximum Ratings (Ta=25℃, Unless otherwise specified)
Characteristic
Symbol
Ratings
Unit
Power Dissipation
PD
100
Forward Current
IF
60
Reverse Voltage
VR
5
V
Input
Pulse forward current
※1
IFP
1
A
Collector Power Dissipation
PC
100
Collector Current
IC
40
Collector-Emitter Voltage
BVCEO
30
V
Output
Emitter-Collector Voltage
BVECO
5
V
Operating Temperature
※2
Topr.
-25 ~ 85
Storage Temperature
※2
Tstg.
-40 ~ 85
ESD Withstand Voltage(Human Body Model)
VESD.
±2.0
Notes :
1. Input current wit
h tw = 100
㎲, Period(T) = 10㎳.
2. No icebound or dew.


Podobny numer części - KIA0002C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
KIA0001C KODENSHI-KIA0001C Datasheet
149Kb / 3P
   Snap in mount
KIA0005C KODENSHI-KIA0005C Datasheet
217Kb / 4P
   Photo Interrupter
More results

Podobny opis - KIA0002C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
CNA1014H PANASONIC-CNA1014H Datasheet
101Kb / 3P
   Photo Interrupter
CNZ1120 PANASONIC-CNZ1120 Datasheet
30Kb / 1P
   Photo Interrupter
CNA1007H PANASONIC-CNA1007H Datasheet
58Kb / 3P
   Photo Interrupter
CNA1301H PANASONIC-CNA1301H Datasheet
63Kb / 3P
   Photo Interrupter
logo
KODENSHI_AUK CORP.
KIT1001A KODENSHI-KIT1001A Datasheet
245Kb / 4P
   Photo Interrupter
KIT1018S KODENSHI-KIT1018S Datasheet
253Kb / 4P
   Photo Interrupter
KIT2009A KODENSHI-KIT2009A Datasheet
156Kb / 4P
   Photo Interrupter
KIT5002C KODENSHI-KIT5002C Datasheet
189Kb / 3P
   Photo Interrupter
KIT5038C KODENSHI-KIT5038C Datasheet
223Kb / 3P
   Photo Interrupter
KIT8002A KODENSHI-KIT8002A Datasheet
159Kb / 5P
   Photo Interrupter
KPI511 KODENSHI-KPI511 Datasheet
207Kb / 4P
   Photo Interrupter
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com