Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9845B Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9845B
Szczegółowy opis  Complete 12-Bit 30 MSPS CCD Signal Processor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9845B Arkusz danych(HTML) 5 Page - Analog Devices

  AD9845B_15 Datasheet HTML 1Page - Analog Devices AD9845B_15 Datasheet HTML 2Page - Analog Devices AD9845B_15 Datasheet HTML 3Page - Analog Devices AD9845B_15 Datasheet HTML 4Page - Analog Devices AD9845B_15 Datasheet HTML 5Page - Analog Devices AD9845B_15 Datasheet HTML 6Page - Analog Devices AD9845B_15 Datasheet HTML 7Page - Analog Devices AD9845B_15 Datasheet HTML 8Page - Analog Devices AD9845B_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
REV.
B
–5–
AD9845B
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD9845B features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
TIMING SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
SAMPLE CLOCKS
DATACLK, SHP, SHD Clock Period
tCP
33
33
ns
DATACLK High/Low Pulsewidth
tADC
13
16.7
ns
SHP Pulsewidth
tSHP
5
8.3
ns
SHD Pulsewidth
tSHD
5
8.3
ns
CLPDM Pulsewidth
tCDM
410
Pixels
CLPOB Pulsewidth*
tCOB
220
Pixels
SHP Rising Edge to SHD Falling Edge
tS1
0
8.3
ns
SHP Rising Edge to SHD Rising Edge
tS2
15
16.7
ns
Internal Clock Delay
tID
3.0
ns
Inhibited Clock Period
tINH
10
ns
DATA OUTPUTS
Output Delay
tOD
13
16
ns
Output Hold Time
tH
7.0
7.6
ns
Pipeline Delay
9
Cycles
SERIAL INTERFACE
Maximum SCK Frequency
fSCLK
10
MHz
SL to SCK Setup Time
tLS
10
ns
SCK to SL Hold Time
tLH
10
ns
SDATA Valid to SCK Rising Edge Setup
tDS
10
ns
SCK Falling Edge to SDATA Valid Hold
tDH
10
ns
SCK Falling Edge to SDATA Valid Read
tDV
10
ns
*Minimum CLPOB pulsewidth is for functional operation only. Wider typical pulses are recommended to achieve low noise clamp performance.
Specifications subject to change without notice.
(CL = 20 pF, fSAMP = 30 MHz, CCD Mode Timing in Figures 5 and 6, AUX Mode Timing in Figure 7,
Serial Timing in Figures 21–24.)
ABSOLUTE MAXIMUM RATINGS
With
Respect
Parameter
To
Min Max
Unit
AVDD1, AVDD2
AVSS
–0.3 +3.9
V
DVDD1, DVDD2
DVSS
–0.3 +3.9
V
DRVDD
DRVSS
–0.3 +3.9
V
Digital Outputs
DRVSS
–0.3 DRVDD + 0.3 V
SHP, SHD, DATACLK
DVSS
–0.3 DVDD + 0.3
V
CLPOB, CLPDM, PBLK
DVSS
–0.3 DVDD + 0.3
V
SCK, SL, SDATA
DVSS
–0.3 DVDD + 0.3
V
VRT, VRB
AVSS
–0.3 AVDD + 0.3
V
BYP1-3, CCDIN
AVSS
–0.3 AVDD + 0.3
V
Junction Temperature
150
∞C
Lead Temperature (10 sec)
300
∞C
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD9845BJST
–20
∞C to +85∞C LQFP
ST-48
THERMAL CHARACTERISTICS
Thermal Resistance
48-Lead LQFP Package
qJA = 56∞C/W*
*
qJA is measured using a 4-layer PCB.


Podobny numer części - AD9845B_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9845BJST AD-AD9845BJST Datasheet
441Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. A
AD9845BJST AD-AD9845BJST Datasheet
237Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845BJST AD-AD9845BJST Datasheet
264Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
237Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
264Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
More results

Podobny opis - AD9845B_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. A
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
264Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
237Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845A AD-AD9845A Datasheet
252Kb / 22P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9824 AD-AD9824_15 Datasheet
439Kb / 24P
   Complete 14-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9824KCPZ AD-AD9824KCPZ Datasheet
387Kb / 24P
   Complete 14-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9844A AD-AD9844A Datasheet
169Kb / 16P
   Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9844A AD-AD9844A_15 Datasheet
161Kb / 16P
   Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9846A AD-AD9846A Datasheet
231Kb / 24P
   Complete 10-Bit 30 MSPS CCD Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com