Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9851 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD9851
Szczegółowy opis  CMOS 180 MHz DDS/DAC Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9851 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD9851_15 Datasheet HTML 4Page - Analog Devices AD9851_15 Datasheet HTML 5Page - Analog Devices AD9851_15 Datasheet HTML 6Page - Analog Devices AD9851_15 Datasheet HTML 7Page - Analog Devices AD9851_15 Datasheet HTML 8Page - Analog Devices AD9851_15 Datasheet HTML 9Page - Analog Devices AD9851_15 Datasheet HTML 10Page - Analog Devices AD9851_15 Datasheet HTML 11Page - Analog Devices AD9851_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD9851
–8–
FREQUENCY OFFSET – Hz
–155
100
1k
10k
100k
–145
–140
–135
–130
–125
–120
AD9851 RESIDUAL PHASE NOISE
–150
TPC 11. Output Residual Phase Noise (5.2 MHz AOUT), 6
OUT
OUT
REFCLK Multiplier Disabled, System Clock = 180 MHz, Ref-
erence Clock = 180 MHz
SYSTEM CLOCK FREQUENCY – MHz
45
10
20
40
60
80
100 120 140 160 180
50
55
60
65
70
75
VS = +3.3V
VS = +5V
FUNDAMENTAL OUTPUT =
SYSTEM CLOCK/3
TPC 12. Spurious-free dynamic range (SFDR) is generally
a function of the DAC analog output frequency. Analog
output frequencies of 1/3 the system clock rate are consid-
ered worst case. Plotted below are typical worst case SFDR
numbers for various system clock rates.
1
Ch1 100mV
T [ ]
Tek Stop 2.50GS/s
22 Acgs
 : 2.0ns
@ : 105.2ns
C1 Rise
2.03ns
M 20.0ns Ch 1
252mV
D 5.00ns Runs After
TPC 13. Comparator RiseTime, 15 pF Load
1
Ch1 100mV
T [
]
Tek Stop 2.50GS/s
2227 Acgs
 : 2.3ns
@ : 103.6ns
C1 Fall
2.33ns
M 20.0ns Ch 1
252mV
D 5.00ns Runs After
TPC 14. Comparator FallTime, 15 pF Load
ANALOG OUTPUT FREQUENCY – MHz
30
10
20
30
40
50
60
0
70
50
70
80
90
110
120
VS = +3.3V
VS = +5V
100
60
40
output frequency at 180 MHz system clock (upper
trace) and 125 MHz system clock (lower trace)
SYSTEM CLOCK – MHz
0
140
20
40
60
100
80
120
0
20
40
60
80
100
120
VS = +3.3V
VS = +5V
160
180
clock frequency
REV. D


Podobny numer części - AD9851_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9851BRS AD-AD9851BRS Datasheet
254Kb / 23P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. C
AD9851BRS AD-AD9851BRS Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851BRS AD-AD9851BRS Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851BRSRL AD-AD9851BRSRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851BRSRL AD-AD9851BRSRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
More results

Podobny opis - AD9851_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851 AD-AD9851 Datasheet
254Kb / 23P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. C
AD9851BRSZ AD-AD9851BRSZ Datasheet
749Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850 AD-AD9850 Datasheet
378Kb / 19P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. E
AD9850BRSZ AD-AD9850BRSZ Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9852 AD-AD9852 Datasheet
424Kb / 42P
   CMOS 300 MHz Complete-DDS
REV. 0
AD9835 AD-AD9835 Datasheet
160Kb / 16P
   50 MHz CMOS Complete DDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com