Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9861 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9861
Szczegółowy opis  Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9861 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9861_15 Datasheet HTML 6Page - Analog Devices AD9861_15 Datasheet HTML 7Page - Analog Devices AD9861_15 Datasheet HTML 8Page - Analog Devices AD9861_15 Datasheet HTML 9Page - Analog Devices AD9861_15 Datasheet HTML 10Page - Analog Devices AD9861_15 Datasheet HTML 11Page - Analog Devices AD9861_15 Datasheet HTML 12Page - Analog Devices AD9861_15 Datasheet HTML 13Page - Analog Devices AD9861_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
AD9861
Rev. 0 | Page 10 of 52
TYPICAL PERFORMANCE CHARACTERISTICS
05
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
15
20
25
FREQUENCY (MHz)
Figure 4. AD9861-50 Rx Path Single-Tone FFT of Rx Channel B Path
Digitizing 2 MHz Tone
05
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
15
20
25
FREQUENCY (MHz)
Figure 5. AD9861-50 Rx Path Single-Tone FFT of Rx Channel B Path
Digitizing 5 MHz Tone
05
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
15
20
25
FREQUENCY (MHz)
Figure 6. AD9861-50 Rx Path Single-Tone FFT of Rx Channel B Path
Digitizing 24 MHz Tone
05
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
15
20
25
FREQUENCY (MHz)
Figure 7. AD9861-50 Rx Path Dual-Tone FFT of Rx Channel A Path
Digitizing 1 MHz and 2 MHz Tones
05
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
15
20
25
FREQUENCY (MHz)
Figure 8. AD9861-50 Rx Path Dual-Tone FFT of Rx Channel A Path
Digitizing 5 MHz and 8 MHz Tones
05
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
15
20
25
FREQUENCY (MHz)
Figure 9. AD9861-50 Rx Path Dual-Tone FFT of Rx Channel A Path
Digitizing 20 MHz and 25 MHz Tones


Podobny numer części - AD9861_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9861 AD-AD9861_17 Datasheet
977Kb / 52P
   Transceiver for Broadband Applications
More results

Podobny opis - AD9861_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9863 AD-AD9863 Datasheet
997Kb / 40P
   Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
REV. A
AD9863-50EBZ AD-AD9863-50EBZ Datasheet
997Kb / 40P
   Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861 Datasheet
1Mb / 52P
   Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
Rev. 0
AD9861BCPZ-50 AD-AD9861BCPZ-50 Datasheet
1Mb / 52P
   Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. 0
AD9878 AD-AD9878 Datasheet
749Kb / 36P
   Mixed-Signal Front End for Broadband Applications
REV. A
AD9878 AD-AD9878_15 Datasheet
755Kb / 36P
   Mixed-Signal Front End for Broadband Applications
REV. A
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com