Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9884A Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD9884A
Szczegółowy opis  100 MSPS/140 MSPS Analog Flat Panel Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9884A Arkusz danych(HTML) 2 Page - Analog Devices

  AD9884A_15 Datasheet HTML 1Page - Analog Devices AD9884A_15 Datasheet HTML 2Page - Analog Devices AD9884A_15 Datasheet HTML 3Page - Analog Devices AD9884A_15 Datasheet HTML 4Page - Analog Devices AD9884A_15 Datasheet HTML 5Page - Analog Devices AD9884A_15 Datasheet HTML 6Page - Analog Devices AD9884A_15 Datasheet HTML 7Page - Analog Devices AD9884A_15 Datasheet HTML 8Page - Analog Devices AD9884A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. C
–2–
AD9884A–SPECIFICATIONS
(VD = 3.3 V, VDD = 3.3 V, PVD = 3.3 V, ADC Clock Frequency = Maximum, PLL
Clock Frequency = Maximum, Control Registers Programmed to Default State)
Test
AD9884AKS-100
AD9884AKS-140
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
8
8
Bits
DC ACCURACY
Differential Nonlinearity
25
°CI
±0.5
±1.0
±0.5
+1.15/–1.0
LSB
Full
VI
±1.0
+1.25/–1.0
LSB
Integral Nonlinearity
25
°CI
±0.5
±1.25
±0.8
±1.4
LSB
Full
VI
±1.75
±2.5
LSB
No Missing Codes
Full
VI
Guaranteed
Guaranteed
ANALOG INPUT
Input Voltage Range
Minimum
Full
VI
0.5
0.5
V p-p
Maximum
Full
VI
1.0
1.0
V p-p
Gain Tempco
25
°C
V
100
280
ppm/
°C
Input Bias Current
25
°CI
1
1
µA
Full
VI
1
1
µA
Input Offset Voltage
Full
VI
7
50
7
50
mV
Input Full-Scale Matching
Full
VI
1.5
5.0
1.5
5.0
%FS
Offset Adjustment Range
Full
VI
22
23.5
25
22
23.5
25
%FS
REFERENCE OUTPUT
Output Voltage
Full
VI
1.20
1.25
1.30
1.20
1.25
1.30
V
Temperature Coefficient
Full
V
±50
±50
ppm/
°C
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
VI
100
140
MSPS
Minimum Conversion Rate
Full
IV
10
10
MSPS
Data to Clock Skew, tSKEW
Full
IV
–0.5
+2.0
–0.5
+2.0
ns
tBUFF
Full
VI
4.7
4.7
µs
tSTAH
Full
VI
4.0
4.0
µs
tDHO
Full
VI
0
0
µs
tDAL
Full
VI
4.7
4.7
µs
tDAH
Full
VI
4.0
4.0
µs
tDSU
Full
VI
250
250
ns
tSTASU
Full
VI
4.7
4.7
µs
tSTOSU
Full
VI
4.0
4.0
µs
HSYNC Input Frequency
Full
IV
15
110
15
110
kHz
Maximum PLL Clock Rate
Full
VI
100
140
MHz
Minimum PLL Clock Rate
Full
IV
20
20
MHz
PLL Jitter
25
°C
IV
400
700
1
475
750
2
ps p-p
Full
IV
1000
1
1000
2
ps p-p
Sampling Phase Tempco
Full
IV
15
15
ps/
°C
DIGITAL INPUTS
Input Voltage, High (VIH)
Full
VI
2.5
2.5
V
Input Voltage, Low (VIL)
Full
VI
0.8
0.8
V
Input Current, High (IIH)
Full
VI
–1.0
–1.0
µA
Input Current, Low (IIL)
Full
VI
+1.0
+1.0
µA
Input Capacitance
25
°CV
3
3
pF
DIGITAL OUTPUTS
Output Voltage, High (VOH)
Full
VI
VDD – 0.1
VDD – 0.1
V
Output Voltage, Low (VOL)
Full
VI
0.1
0.1
V
Duty Cycle
DATACK, DATACK
Full
IV
45
50
55
45
50
55
%
Output Coding
Binary
Binary


Podobny numer części - AD9884A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9884A/PCB AD-AD9884A/PCB Datasheet
186Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. B
AD9884A/PCB AD-AD9884A/PCB Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9884AKS-100 AD-AD9884AKS-100 Datasheet
186Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. B
AD9884AKS-100 AD-AD9884AKS-100 Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9884AKS-140 AD-AD9884AKS-140 Datasheet
186Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. B
More results

Podobny opis - AD9884A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9884A AD-AD9884A Datasheet
186Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. B
AD9884AKSZ-140 AD-AD9884AKSZ-140 Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9888 AD-AD9888_15 Datasheet
501Kb / 36P
   100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
AD9888 AD-AD9888_11 Datasheet
501Kb / 36P
   100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
AD9888 AD-AD9888 Datasheet
249Kb / 32P
   100/140/170/205 MSPS Analog Flat Panel Interface
REV. A
AD9883A AD-AD9883A Datasheet
229Kb / 28P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
AD9985 AD-AD9985_15 Datasheet
355Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A AD-AD9985A Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A AD-AD9985A_15 Datasheet
629Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985 AD-AD9985 Datasheet
349Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com