Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9948 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9948
Szczegółowy opis  10-Bit CCD Signal Processor with Precision Timing Core
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9948 Arkusz danych(HTML) 3 Page - Analog Devices

  AD9948_15 Datasheet HTML 1Page - Analog Devices AD9948_15 Datasheet HTML 2Page - Analog Devices AD9948_15 Datasheet HTML 3Page - Analog Devices AD9948_15 Datasheet HTML 4Page - Analog Devices AD9948_15 Datasheet HTML 5Page - Analog Devices AD9948_15 Datasheet HTML 6Page - Analog Devices AD9948_15 Datasheet HTML 7Page - Analog Devices AD9948_15 Datasheet HTML 8Page - Analog Devices AD9948_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
REV. 0
AD9948
–3–
ANALOG SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
CDS
Gain
0
dB
Allowable CCD Reset Transient
*
500
mV
Max Input Range before Saturation
*
1.0
V p-p
Max CCD Black Pixel Amplitude
*
±50
mV
PIXEL GAIN AMPLIFIER (PxGA)
Gain Control Resolution
256
Steps
Gain Monotonicity
Min Gain
0
dB
Max Gain
18
dB
VARIABLE GAIN AMPLIFIER (VGA)
Max Input Range
1.0
V p-p
Max Output Range
2.0
V p-p
Gain Control Resolution
1024
Steps
Gain Monotonicity
Guaranteed
Gain Range
Min Gain (VGA Code 0)
6
dB
Max Gain (VGA Code 1023)
42
dB
BLACK LEVEL CLAMP
Clamp Level Resolution
256
Steps
Clamp Level
Measured at ADC output
Min Clamp Level (0)
0
LSB
Max Clamp Level (255)
63.75
LSB
A/D CONVERTER
Resolution
10
Bits
Differential Nonlinearity (DNL)
–1.0
±0.5
+1.0
LSB
No Missing Codes
Guaranteed
Full-Scale Input Voltage
2.0
V
VOLTAGE REFERENCE
Reference Top Voltage (REFT)
2.0
V
Reference Bottom Voltage (REFB)
1.0
V
SYSTEM PERFORMANCE
Specifications include entire
signal chain
VGA Gain Accuracy
Min Gain (Code 0)
5.0
5.5
6.0
dB
Max Gain (Code 1023)
40.5
41.5
42.5
dB
Peak Nonlinearity, 500 mV Input Signal
0.2
%
12 dB gain applied
Total Output Noise
0.25
LSB rms
AC grounded input, 6 dB
gain applied
Power Supply Rejection (PSR)
50
dB
Measured with step change
on supply
*Input signal characteristics defined as follows:
50mV MAX
OPTICAL BLACK PIXEL
500mV TYP
RESET TRANSIENT
1V MAX
INPUT SIGNAL RANGE
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = DVDD = 3.0 V, fCLI = 25 MHz, Typical Timing Specifications,
unless otherwise noted.)


Podobny numer części - AD9948_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9948AD9949 AD-AD9948AD9949 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD9948KCP AD-AD9948KCP Datasheet
522Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing??Core
REV. 0
AD9948KCPRL AD-AD9948KCPRL Datasheet
522Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing??Core
REV. 0
AD9948KCPZ AD-AD9948KCPZ Datasheet
522Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing??Core
REV. 0
AD9948KCPZRL AD-AD9948KCPZRL Datasheet
522Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing??Core
REV. 0
More results

Podobny opis - AD9948_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9948 AD-AD9948 Datasheet
522Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing??Core
REV. 0
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9949 AD-AD9949 Datasheet
713Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979 AD-AD9979 Datasheet
62Kb / 2P
   14-Bit, CCD Signal Processor with Precision Timing Core
Rev. Sp0
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9949 AD-AD9949_15 Datasheet
714Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
AD9991 AD-AD9991 Datasheet
770Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing ??Generator
REV. 0
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com