Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9951 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD9951
Szczegółowy opis  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9951 Arkusz danych(HTML) 1 Page - Analog Devices

  AD9951_15 Datasheet HTML 1Page - Analog Devices AD9951_15 Datasheet HTML 2Page - Analog Devices AD9951_15 Datasheet HTML 3Page - Analog Devices AD9951_15 Datasheet HTML 4Page - Analog Devices AD9951_15 Datasheet HTML 5Page - Analog Devices AD9951_15 Datasheet HTML 6Page - Analog Devices AD9951_15 Datasheet HTML 7Page - Analog Devices AD9951_15 Datasheet HTML 8Page - Analog Devices AD9951_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
400 MSPS 14-Bit, 1.8 V CMOS
Direct Digital Synthesizer
AD9951
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2009 Analog Devices, Inc. All rights reserved.
FEATURES
400 MSPS internal clock speed
Integrated 14-bit DAC
32-bit tuning word
Phase noise ≤ –120 dBc/Hz @ 1 kHz offset (DAC output)
Excellent dynamic performance
>80 dB SFDR @ 160 MHz (±100 kHz offset) AOUT
Serial I/O control
1.8 V power supply
Software and hardware controlled power-down
48-lead TQFP/EP package
Support for 5 V input levels on most digital inputs
PLL REFCLK multiplier (4× to 20×)
Internal oscillator, can be driven by a single crystal
Phase modulation capability
Multichip synchronization
APPLICATIONS
Agile LO frequency synthesis
Programmable clock generators
Test and measurement equipment
Acousto-optic device drivers
FUNCTIONAL BLOCK DIAGRAM
COS(X)
CONTROL REGISTERS
OSCILLATOR/BUFFER
SYNC
ENABLE
I/O UPDATE
DAC_RSET
DDS CORE
PHASE
OFFSET
PHASE
ACCUMULATOR
Z–1
Z–1
IOUT
IOUT
OSK
PWRDWNCTL
REFCLK
REFCLK
CRYSTAL OUT
I/O PORT
DAC
SYSTEM
CLOCK
SYSTEM
CLOCK
SYNC_IN
SYNC_CLK
RESET
TIMING AND CONTROL LOGIC
4× TO 20×
CLOCK
MULTIPLIER
÷ 4
AD9951
32
32
14
14
19
14
0
M
U
X
M
U
X
Figure 1.


Podobny numer części - AD9951_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9951PCB AD-AD9951PCB Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9951YSV AD-AD9951YSV Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9951YSV AD-AD9951YSV Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951YSV-REEL7 AD-AD9951YSV-REEL7 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9951YSV-REEL7 AD-AD9951YSV-REEL7 Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results

Podobny opis - AD9951_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9952 AD-AD9952 Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954 AD-AD9954 Datasheet
1Mb / 36P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9951YSVZ AD-AD9951YSVZ Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9952 AD-AD9952_15 Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9859 AD-AD9859 Datasheet
574Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com