Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9952 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD9952
Szczegółowy opis  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9952 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD9952_15 Datasheet HTML 3Page - Analog Devices AD9952_15 Datasheet HTML 4Page - Analog Devices AD9952_15 Datasheet HTML 5Page - Analog Devices AD9952_15 Datasheet HTML 6Page - Analog Devices AD9952_15 Datasheet HTML 7Page - Analog Devices AD9952_15 Datasheet HTML 8Page - Analog Devices AD9952_15 Datasheet HTML 9Page - Analog Devices AD9952_15 Datasheet HTML 10Page - Analog Devices AD9952_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD9952
Rev. B | Page 7 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
3
4
8
9
1
36
35
34
33
32
31
30
29
28
7
6
2
5
10
11
12
25
26
27
37
41
42
43
44
45
46
47
48
AGND
AGND
AVDD
AVDD
AVDD
COMP_OUT
COMP_IN
COMP_IN
DGND
DVDD
PWRDWNCTL
RESET
I/O UPDATE
DVDD
DGND
AVDD
AGND
AVDD
AGND
REFCLK
REFCLK
CRYSTAL OUT
CLKMODESELECT
LOOP_FILTER
AD9952
TOP VIEW
(Not to Scale)
40
39
38
13
14
15
16
17
18
19
20
21
22
23
24
Figure 2. Pin Configuration
Note that the exposed paddle on the bottom of the package is a ground connection for the DAC and must be attached to AGND in
any board layout. Note that Pin 43, DVDD_I/O, can be powered to 1.8 V or 3.3 V; however, the DVDD pins (Pin 2 and Pin 34) can
only be powered to 1.8 V.
Table 3. 48-Lead TQFP/EP
Pin No.
Mnemonic
I/O
Description
1
I/O UPDATE
I
The rising edge transfers the contents of the internal buffer memory to the I/O registers. This pin
must be set up and held around the SYNC_CLK output signal.
2, 34
DVDD
I
Digital Power Supply Pins (1.8 V).
3, 33, 42,
47, 48
DGND
I
Digital Power Ground Pins.
4, 6, 13,
16, 18, 19,
25, 27, 29
AVDD
I
Analog Power Supply Pins (1.8 V).
5, 7, 14,
15, 17, 22,
26, 32
AGND
I
Analog Power Ground Pins.
8
REFCLK
I
Complementary Reference Clock/Oscillator Input. When the REFCLK port is operated in single-
ended mode, REFCLK should be decoupled to AVDD with a 0.1 µF capacitor.
9
REFCLK
I
Reference Clock/Oscillator Input. See the Clock Input section for details on the oscillator/REFCLK
operation.
10
CRYSTAL OUT
O
Output of the Oscillator Section.
11
CLKMODESELECT
I
Control Pin for the Oscillator Section. When high, the oscillator section is enabled. When low, the
oscillator section is bypassed.
12
LOOP_FILTER
I
This pin provides the connection for the external zero compensation network of the REFCLK
multiplier’s PLL loop filter. The network consists of a 1 k Ω resistor in series with a 0.1 µF capacitor
tied to AVDD.
20
IOUT
O
Complementary DAC Output. Should be biased through a resistor to AVDD, not AGND.
21
IOUT
O
DAC Output. Should be biased through a resistor to AVDD, not AGND.


Podobny numer części - AD9952_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9952YSV AD-AD9952YSV Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9952YSV AD-AD9952YSV Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9952YSV-REEL7 AD-AD9952YSV-REEL7 Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9952YSV-REEL7 AD-AD9952YSV-REEL7 Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
More results

Podobny opis - AD9952_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9952 AD-AD9952 Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954 AD-AD9954 Datasheet
1Mb / 36P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9951 AD-AD9951_15 Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9951YSVZ AD-AD9951YSVZ Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859 Datasheet
574Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com