Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9974 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9974
Szczegółowy opis  Dual-Channel, 14-Bit, CCD Signal
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9974 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9974_15 Datasheet HTML 7Page - Analog Devices AD9974_15 Datasheet HTML 8Page - Analog Devices AD9974_15 Datasheet HTML 9Page - Analog Devices AD9974_15 Datasheet HTML 10Page - Analog Devices AD9974_15 Datasheet HTML 11Page - Analog Devices AD9974_15 Datasheet HTML 12Page - Analog Devices AD9974_15 Datasheet HTML 13Page - Analog Devices AD9974_15 Datasheet HTML 14Page - Analog Devices AD9974_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
AD9974
Rev. A | Page 11 of 52
TYPICAL PERFORMANCE CHARACTERISTICS
250
0
50
100
150
200
20
25
30
35
40
45
50
55
60
65
SAMPLE RATE (MHz)
1.8V SUPPLIES
3.3V SUPPLIES
TOTAL POWER
Figure 4. Power vs. Sample Rate
180
160
140
120
100
80
60
40
20
0
0
5
10
15
20
25
30
35
40
45
VGA GAIN (dB)
Figure 5. RMS Output Noise vs. VGA Gain
ADC OUTPUT CODE
0
0
1.0
–1.0
0.8
0.6
0.4
0.2
–0.2
–0.4
–0.6
–0.8
2k
4k
6k
8k
10k
12k
14k
16k
Figure 6. Differential Nonlinearity
ADC OUTPUT CODE
0
10
–8
2k
4k
6k
8k
10k
12k
14k
16k
8
6
4
2
0
–2
–4
–6
Figure 7. Integral Nonlinearity
ADC OUTPUT CODE
1.0
–1.0
1k
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
3k
5k
7k
9k
11k
13k
15k
Figure 8. Linearity Mismatch vs. ADC Output Code


Podobny numer części - AD9974_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9974BBCZ AD-AD9974BBCZ Datasheet
902Kb / 52P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
REV. A
AD9974BBCZRL AD-AD9974BBCZRL Datasheet
902Kb / 52P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
REV. A
More results

Podobny opis - AD9974_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9973 AD-AD9973_15 Datasheet
80Kb / 2P
   Dual-Channel, 14-Bit CCD Signal
Rev. SpA
AD9978 AD-AD9978_15 Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal
Rev. SpB
AD9978BCPZ AD-AD9978BCPZ Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9978 AD-AD9978_08 Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9973 AD-AD9973 Datasheet
68Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
Rev. SpA
AD9978 AD-AD9978 Datasheet
71Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpA
AD9974 AD-AD9974 Datasheet
73Kb / 2P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing??Core
Rev. Sp0
AD9990 AD-AD9990_15 Datasheet
62Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor and Precision Timing Core
Rev. SpB
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
AD9942 AD-AD9942 Datasheet
653Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com