Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9980 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD9980
Szczegółowy opis  High Performance 8-Bit Display Interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9980 Arkusz danych(HTML) 4 Page - Analog Devices

  AD9980_15 Datasheet HTML 1Page - Analog Devices AD9980_15 Datasheet HTML 2Page - Analog Devices AD9980_15 Datasheet HTML 3Page - Analog Devices AD9980_15 Datasheet HTML 4Page - Analog Devices AD9980_15 Datasheet HTML 5Page - Analog Devices AD9980_15 Datasheet HTML 6Page - Analog Devices AD9980_15 Datasheet HTML 7Page - Analog Devices AD9980_15 Datasheet HTML 8Page - Analog Devices AD9980_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD9980
Rev. 0 | Page 4 of 44
AD9980KSTZ-801
AD9980KSTZ-952
Parameter
Temp
Test Level
Min
Typ
Max
Min
Typ
Max
Unit
DIGITAL OUTPUTS
Output Voltage, High (VOH)
Full
VI
VDD − 0.2
VDD − 0.1
V
Output Voltage, Low (VOL)
Full
VI
0.2
0.1
V
Duty Cycle, DATACK
Full
IV
50
50
%
Output Coding
Binary
Binary
POWER SUPPLY
VD Supply Voltage
Full
IV
3.13
3.3
3.47
3.13
3.3
3.47
V
VDD Supply Voltage
Full
IV
1.7
3.3
3.47
1.7
3.3
3.47
V
PVD Supply Voltage
Full
IV
1.7
1.8
1.9
1.7
1.8
1.9
V
DAVD Supply Voltage
Full
IV
1.7
1.8
1.9
1.7
1.8
1.9
V
ID Supply Current (VD)
25°C
V
233
240
mA
IDD Supply Current (VDD)4
25°C
V
42
49
mA
IPVD Supply Current (PVD)
25°C
V
11
8
mA
IDAVD Supply Current (DAVD)
25°C
V
10
12
mA
Total Power Dissipation
Full
VI
953
1070
993
1114
mW
Power-Down Supply Current
Full
VI
18
27
18
28
mA
Power-Down Dissipation
Full
VI
55
81
55
88
mW
DYNAMIC PERFORMANCE
Analog Bandwidth, Full Power
25°C
V
200
200
MHz
Crosstalk
Full
V
60
60
dBc
THERMAL CHARACTERISTICS
θJC, Junction-to-Case
Thermal Resistance
V
16
16
°C/W
θJA, Junction-to-Ambient
Thermal Resistance
V
35
35
°C/W
1 Output drive strength = 0 was used for all 80 MHz parameters.
2 Output drive strength = 1 was used for all 95 MHz parameters.
3 Digital inputs are HSYNC0, HSYNC1, VSYNC0, VSYNC1, SDA, SCL, EXTCLK, CLAMP, and PWRDN.
4 DATACK load = 10 pF, data load = 5 pF.


Podobny numer części - AD9980_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9980KSTZ-80 AD-AD9980KSTZ-80 Datasheet
967Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9980KSTZ-95 AD-AD9980KSTZ-95 Datasheet
967Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9980PCB AD-AD9980PCB Datasheet
967Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
More results

Podobny opis - AD9980_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9983A AD-AD9983A_15 Datasheet
916Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9980 AD-AD9980 Datasheet
967Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9983A AD-AD9983A Datasheet
784Kb / 44P
   High Performance 8-Bit Display Interface
Rev. PrA
AD9984A AD-AD9984A Datasheet
844Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9981 AD-AD9981 Datasheet
972Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9981 AD-AD9981_15 Datasheet
973Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9984A AD-AD9984A_15 Datasheet
845Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com