Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD22050 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD22050
Szczegółowy opis  Single-Supply Sensor Interface Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD22050 Arkusz danych(HTML) 2 Page - Analog Devices

  AD22050_15 Datasheet HTML 1Page - Analog Devices AD22050_15 Datasheet HTML 2Page - Analog Devices AD22050_15 Datasheet HTML 3Page - Analog Devices AD22050_15 Datasheet HTML 4Page - Analog Devices AD22050_15 Datasheet HTML 5Page - Analog Devices AD22050_15 Datasheet HTML 6Page - Analog Devices AD22050_15 Datasheet HTML 7Page - Analog Devices AD22050_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ORDERING GUIDE
Model
Temperature Range
Package Descriptions
Package Options
AD22050N
–40
°C to +125°C
Plastic DIP
N-8
AD22050R
–40
°C to +125°C
Plastic SOIC
SO-8
AD22050R-Reel
–40
°C to +125°C
Tape and Reel
SO-8*
*Quantities must be in increments of 2,500 pieces each.
AD22050–SPECIFICATIONS
REV. C
–2–
(TA = +25 C, VS = +5 V, and VCM = 0, RL = 10 k
unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Units
INPUTS (Pins 1 and 8)
+CMR
Positive Common-Mode Range
TA = TMIN to TMAX
+24
V
–CMR
Negative Common-Mode Range
TA = TMIN to +85°C
–1.0
V
CMRRLF
Common-Mode Rejection Ratio
f
≤ 10 Hz
80
90
dB
CMRRHF
Common-Mode Rejection Ratio
f = 10 kHz
60
75
dB
RINCM
Common-Mode Input Resistances
Pin 1 or Pin 8 to Pin 2
180
240
300
k
RMATCH
Matching of Resistances
±0.5
%
RINDIFF
Differential Input Resistance
Pin 1 to Pin 8
280
400
k
PREAMPLIFIER
GCL
Closed-Loop Gain1
9.7
10.0
10.3
VO
Output Voltage Range (Pin 3)
+0.01
+4.8
V
RO
Output Resistance
2
97
100
103
k
OUTPUT BUFFER
GCL
Closed-Loop Gain
1
RLOAD
≥ 10 kΩ
1.94
2.0
2.06
VO
Output Voltage Range3
TA = TMIN to TMAX
+0.02
+4.8
V
RO
Output Resistance (Pin 5)
VO
≥ 0.1 V dc, I
O < 1 mA
2.0
OVERALL SYSTEM
G
Gain
1
VO
≥ 0.1 V dc
19.9
20.0
20.1
Over Temperature
TA = TMIN to TMAX
19.8
20.2
VOS
Input Offset Voltage4
–1
0.03
1
mV
Over Temperature
TA = TMIN to TMAX
–3
3
mV
OFS
Midscale Offset (Pin 7) Scaling
0.49
0.50
0.51
V/V
Input Resistance
Pin 7 to Pin 2
2.5
3.0
k
IOSC
Short-Circuit Output Current
TA = TMIN to TMAX
7
1125mA
BW–3 dB
–3 dB Bandwidth
VO = +1 V dc
30
kHz
SR
Slew Rate
0.2
V/
µs
NSD
Noise Spectral Density3
f = 100 Hz to 10 kHz
0.2
µV/√Hz
POWER SUPPLY
VS
Operating Range
TA = TMIN to TMAX
3.0
5
36
V
IS
Quiescent Supply Current5
TA = +25
°C, V
S = +5 V
200
500
µA
TEMPERATURE RANGE
TOP
Operating Temperature Range
–40
+125
°C
NOTES
1Specified for default mode, i.e., with no external components. The overall gain is trimmed to 0.5%, while the individual gains of A1 and A2 may be subject to a
maximum
±3% tolerance. Note that the actual gain in a particular application can be modified by the use of external resistor networks.
2The actual output resistance of A1 is only a few ohms, but access to this output, via Pin 3, is always through the resistor R12 (see Figure 16) which is 100 k
Ω,
trimmed to
± 3%.
3For V
CM ≤ 20 V. For VCM > 20 V, VOL ≅ 1 mV/V × VCM.
4Referred to the input (Pins 1 and 8).
5With V
DM = 0 V. Differential mode signals are referred to as V DM, while VCM refers to common-mode voltages—see the section Product Description and Figure 3.
All min and max specifications are guaranteed, although only those marked in boldface are tested on all production units at final test.
Specifications subject to change without notice.


Podobny numer części - AD22050_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD22050N AD-AD22050N Datasheet
148Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22050N AD-AD22050N Datasheet
152Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. C
AD22050R AD-AD22050R Datasheet
148Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22050R AD-AD22050R Datasheet
152Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. C
AD22050R-REEL AD-AD22050R-REEL Datasheet
148Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
More results

Podobny opis - AD22050_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD22057 AD-AD22057_17 Datasheet
166Kb / 9P
   Single-Supply Sensor Interface Amplifier
AD22050RZ AD-AD22050RZ Datasheet
152Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. C
AD22057RZ AD-AD22057RZ Datasheet
118Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22050 AD-AD22050 Datasheet
148Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22057 AD-AD22057_15 Datasheet
196Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22057 AD-AD22057 Datasheet
192Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
logo
Texas Instruments
PGA308 TI-PGA308 Datasheet
638Kb / 24P
[Old version datasheet]   Single-Supply, Auto-Zero Sensor Amplifier
logo
National Semiconductor ...
LM1964 NSC-LM1964 Datasheet
232Kb / 4P
   SENSOR INTERFACE AMPLIFIER
logo
Texas Instruments
LM9044 TI-LM9044_15 Datasheet
320Kb / 14P
[Old version datasheet]   Lambda Sensor Interface Amplifier
logo
National Semiconductor ...
LM9044 NSC-LM9044 Datasheet
125Kb / 6P
   LM9044 Lambda Sensor Interface Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com