Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CB2518T220K Arkusz danych(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Numer części CB2518T220K
Szczegółowy opis  Wire-wound Chip Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Strona internetowa  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CB2518T220K Arkusz danych(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  CB2518T220K Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
Wire-wound Chip Power Inductors (CB series)
CB2518T220K
Features
Item Summary
22μH(±10%), 165mA, 580mA, 1007
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 2000pcs
Products characteristics table
CaseSize (EIA/JIS)
1007/2518
Inductance
22μH(±10%)
Inductance Measuring Frequency
2.52MHz
Rated Current -Saturation Current
165mA
Rated Current -Temperature Rise Current
580mA
DC Resistance (max)
0.65Ω
Avg. of DC.Resistance
0.5Ω
Self-resonant Frequency (min)
19MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
2.5mm ±0.2
W
1.8mm ±0.2
H
1.8mm ±0.2
2015.03.16
1 / 1


Podobny numer części - CB2518T220K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiyo Yuden (U.S.A.), I...
CB2518T220K TAIYO-YUDEN-CB2518T220K Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T220K TAIYO-YUDEN-CB2518T220K Datasheet
361Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CB2518T220K8 TAIYO-YUDEN-CB2518T220K8 Datasheet
277Kb / 2P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CB]
CB2518T220KV TAIYO-YUDEN-CB2518T220KV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
CB2518T220K TAIYO-YUDEN-CB2518T220K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
More results

Podobny opis - CB2518T220K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiyo Yuden (U.S.A.), I...
BRC2016T101K TAIYO-YUDEN-BRC2016T101K Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRC2016T330M TAIYO-YUDEN-BRC2016T330M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL1608T1R0M TAIYO-YUDEN-BRL1608T1R0M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T1R5M TAIYO-YUDEN-BRL2012T1R5M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T150M TAIYO-YUDEN-BRL2012T150M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T220M TAIYO-YUDEN-BRL2012T220M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T680M TAIYO-YUDEN-BRL2012T680M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL3225T330M TAIYO-YUDEN-BRL3225T330M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL3225T470K TAIYO-YUDEN-BRL3225T470K Datasheet
133Kb / 1P
   Wire-wound Chip Power Inductors
BRL3225T470M TAIYO-YUDEN-BRL3225T470M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
CB2012T220K TAIYO-YUDEN-CB2012T220K Datasheet
137Kb / 1P
   Wire-wound Chip Power Inductors
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com