Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD22157 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD22157
Szczegółowy opis  Wheel Speed Sensor For ABS Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD22157 Arkusz danych(HTML) 1 Page - Analog Devices

  AD22157_15 Datasheet HTML 1Page - Analog Devices AD22157_15 Datasheet HTML 2Page - Analog Devices AD22157_15 Datasheet HTML 3Page - Analog Devices AD22157_15 Datasheet HTML 4Page - Analog Devices AD22157_15 Datasheet HTML 5Page - Analog Devices AD22157_15 Datasheet HTML 6Page - Analog Devices AD22157_15 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
-1-
GENERAL DESCRIPTION
The AD22157 is a mixed signal magnetic field transducer
designed for applications where both speed sensing and direc-
tion sensing of a ferrous target wheel are required over a wide
speed range.
The device operates from a 2 wire high compliance current loop
and is suitable for continuous operation from -40C to 150C with
supplies up to +20 Vdc. The sensor is designed to remain func-
tional during voltage transients up to +27V.
The sensor output format is a current pulse from 7mA to 14mA
(the quiescent bias is 7mA) whose rising edge is accurately
placed relative to the edges of the target wheel. The pulse width
is determined by both target wheel direction and field strength.
The output pulse is coded in multiples of a well defined time
interval depending on direction and field strength in conform-
ance with industry standards currently being promoted by lead-
ing systems manufacturers.
Pulse widths corresponding to differential magnetic fields mea-
sured at the sensor of
∆B >4mT (normal operation),
2mT<
∆B<4mT (low field range), and ∆B<2mT (very low field
range) are provided. Direction is indicated in the normal and
low ranges.
A fail safe stop signal repeating at approximately 1.5Hz is pro-
vided initially at power on, if the target wheel is stopped, or if
no dynamic signal is detected for some other reason.
The sensor combines integrated bulk Hall cell technology and
instrumentation circuitry to minimize temperature related drifts
associated with Hall cell characteristics. The sensor is compen-
sated to work optimally with SmCo magnets. The architecture
maximizes the advantages of fine line CMOS and high voltage
DMOS allowing the device to operate accurately in demanding
environments.
Principle features of the AD22157 include an adaptive differen-
tial zero crossing detector which accurately determines the posi-
tion of target wheel edges. This architecture eliminates the
effects of package and thermal stress on the Hall sensor array
resulting in 2% repeatability of the time interval from rising
edge to rising edge of the sensor output.
The sensor takes 4 edges from either power on or a stopped con-
dition to achieve full accuracy. The architecture employs digital
signal processing to provide robust functionality and eliminate
spurious or missing pulses under extreme conditions of EMC.
The AD22157 is housed in a 5 lead single-in-line (SIP) package
suitable for mounting with a back biasing magnet in a typical
wheel speed sensor assembly.
Wheel Speed Sensor For
ABS Systems
Preliminary Technical Data
AD22157
FEATURES
Speed and direction from 0Hz to 2500Hz
Air gap diagnostics
2-wire current-loop operation
Wide Operating Temperature Range
Functional during temperature excursions to 190C
Reverse Supply Protected (-30V)
APPLICATIONS
Automotive
Wheel speed and direction sensing
Transmission speed sensing
Industrial
Incremental position sensing
Proximity switching
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties which may result from its use.
No license is granted by implication or otherwise under any patent or patent rights of
Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA02062-9106,USA
www.analog.com
Analog Devices, Inc.,2001
Functional Block Diagram
Tracker 1
Tracker 2
PWM
7mA
7mA
Vhigh
Vlow
AD22157
REV. PrA
PRELIMINARY TECHNICAL DATA


Podobny numer części - AD22157_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD22157 AD-AD22157 Datasheet
283Kb / 7P
   Wheel Speed Sensor For ABS Systems
REV.PrA
More results

Podobny opis - AD22157_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD22157 AD-AD22157 Datasheet
283Kb / 7P
   Wheel Speed Sensor For ABS Systems
REV.PrA
logo
TE Connectivity Ltd
CAT-ATS0005 TEC-CAT-ATS0005 Datasheet
97Kb / 1P
   WHEEL SPEED SENSOR ??OPTION 1
CAT-ATS0006 TEC-CAT-ATS0006 Datasheet
96Kb / 1P
   WHEEL SPEED SENSOR ??OPTION 2
logo
Infineon Technologies A...
TLE5041PLUSC INFINEON-TLE5041PLUSC Datasheet
2Mb / 30P
   iGMR based Wheel Speed Sensor
V 1.2, 2018-01-18
logo
Allegro MicroSystems
A19200 ALLEGRO-A19200 Datasheet
984Kb / 12P
   ASIL-Compliant Wheel Speed Sensor IC
Rev. 2 April 11, 2022
ARS19200 ALLEGRO-ARS19200 Datasheet
646Kb / 11P
   ASIL-Compliant Wheel Speed Sensor IC
logo
List of Unclassifed Man...
CY30 ETC1-CY30 Datasheet
128Kb / 2P
   Sensor interface for an inductive engine wheel speed single rotation sensor
logo
Allegro MicroSystems
A19250 ALLEGRO-A19250 Datasheet
893Kb / 10P
   High Accuracy GMR Wheel Speed Sensor IC
A19301 ALLEGRO-A19301 Datasheet
1Mb / 15P
   ASIL-Compliant Hall-Effect Wheel Speed Sensor IC
A19350 ALLEGRO-A19350 Datasheet
1Mb / 14P
   High Accuracy GMR Wheel Speed and Direction Sensor IC
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com