Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD22157 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD22157
Szczegółowy opis  Wheel Speed Sensor For ABS Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD22157 Arkusz danych(HTML) 2 Page - Analog Devices

  AD22157_15 Datasheet HTML 1Page - Analog Devices AD22157_15 Datasheet HTML 2Page - Analog Devices AD22157_15 Datasheet HTML 3Page - Analog Devices AD22157_15 Datasheet HTML 4Page - Analog Devices AD22157_15 Datasheet HTML 5Page - Analog Devices AD22157_15 Datasheet HTML 6Page - Analog Devices AD22157_15 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
-2-
REV. PrA
Preliminary AD22157 - Specifications (TA=+25C and V+=12V unless otherwise noted)
NOTES
1 Left: wheel moving from pin 1 to pin 5 with the front of the AD22157 facing the wheel (see figure 7).
2 Timing wheel with 2.5mm tooth/2.5mm valley and 5mmx4mm SmCo magnet.
Parameters
Min
Typ
Max
Units
OPERATING TEMPERATURE
-40
150
C
POWER SUPPLY
Vcc Operating
Vcc max transient
Reverse Supply
4.5
20.0
27.0
-30.0
V
SUPPLY CURRENT
Iout low
Iout high (pulsed)
5.5
11.0
7.0
14.0
8.5
17.0
mA
OUTPUT CURENT RATIO
1.8
2
2.2
OUTPUT CURRENT PULSE WIDTH1
Nominal field operation (left/right)
Low field operation (left/right)
Air gap limit
No field or stopped for >737mS
72/144
288/576
36
1152
90/180
360/720
45
1440
108/216
432/664
54
1728
uS
PULSE PERIOD IN STOPPED MODE
589
737
884
mS
THRESHOLDS FOR OPERATION MODES
Nominal field threshold
Low field threshold
Field too low threshold
4<Bth
2<Bth<4
Bth<2
mT
POWER ON TIME
4
mS
CALIBRATION CYCLE
4
edges
CALIBRATION UPDATE CYCLE
each edge
TIMING ACCURACY2
2%
ABSOLUTE MAXIMUM RATINGS*
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . +27 V
Maximum Output Current (Pin 2) . . . . . . . . . . . . . . 18 mA
Operating Temperature Range . . . . . . . . . –40
°C to +150°C
Die Junction Temperature . . . . . . . . . . . . . . . . . . . .+190
°C
Storage Temperature Range . . . . . . . . . . –65
°C to +160°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . +300
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device
at these or any other conditions above those listed in the operational sections of this spec-
ification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
PIN 1 IDENTIFIER
1
2
3
4
5
Pin Configuration
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD22157 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
NC
NC
NC
Vlow
Vhigh
PRELIMINARY TECHNICAL DATA


Podobny numer części - AD22157_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD22157 AD-AD22157 Datasheet
283Kb / 7P
   Wheel Speed Sensor For ABS Systems
REV.PrA
More results

Podobny opis - AD22157_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD22157 AD-AD22157 Datasheet
283Kb / 7P
   Wheel Speed Sensor For ABS Systems
REV.PrA
logo
TE Connectivity Ltd
CAT-ATS0005 TEC-CAT-ATS0005 Datasheet
97Kb / 1P
   WHEEL SPEED SENSOR ??OPTION 1
CAT-ATS0006 TEC-CAT-ATS0006 Datasheet
96Kb / 1P
   WHEEL SPEED SENSOR ??OPTION 2
logo
Infineon Technologies A...
TLE5041PLUSC INFINEON-TLE5041PLUSC Datasheet
2Mb / 30P
   iGMR based Wheel Speed Sensor
V 1.2, 2018-01-18
logo
Allegro MicroSystems
A19200 ALLEGRO-A19200 Datasheet
984Kb / 12P
   ASIL-Compliant Wheel Speed Sensor IC
Rev. 2 April 11, 2022
ARS19200 ALLEGRO-ARS19200 Datasheet
646Kb / 11P
   ASIL-Compliant Wheel Speed Sensor IC
logo
List of Unclassifed Man...
CY30 ETC1-CY30 Datasheet
128Kb / 2P
   Sensor interface for an inductive engine wheel speed single rotation sensor
logo
Allegro MicroSystems
A19250 ALLEGRO-A19250 Datasheet
893Kb / 10P
   High Accuracy GMR Wheel Speed Sensor IC
A19301 ALLEGRO-A19301 Datasheet
1Mb / 15P
   ASIL-Compliant Hall-Effect Wheel Speed Sensor IC
A19350 ALLEGRO-A19350 Datasheet
1Mb / 14P
   High Accuracy GMR Wheel Speed and Direction Sensor IC
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com