Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4303-2 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADA4303-2
Szczegółowy opis  Single-Ended, Low Cost Active RF Splitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4303-2 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADA4303-2_15 Datasheet HTML 4Page - Analog Devices ADA4303-2_15 Datasheet HTML 5Page - Analog Devices ADA4303-2_15 Datasheet HTML 6Page - Analog Devices ADA4303-2_15 Datasheet HTML 7Page - Analog Devices ADA4303-2_15 Datasheet HTML 8Page - Analog Devices ADA4303-2_15 Datasheet HTML 9Page - Analog Devices ADA4303-2_15 Datasheet HTML 10Page - Analog Devices ADA4303-2_15 Datasheet HTML 11Page - Analog Devices ADA4303-2_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADA4303-2
Rev. 0 | Page 9 of 12
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-220-VEED-1
EXCEPT FOR EXPOSED PAD DIMENSION.
1
0.50
BSC
0.60 MAX
PIN 1
INDICATOR
0.75
0.55
0.35
0.25 MIN
0.45
TOP
VIEW
12° MAX
0.80 MAX
0.65 TYP
PIN 1
INDICATOR
1.00
0.85
0.80
0.30
0.23
0.18
0.05 MAX
0.02 NOM
0.20 REF
*1.45
1.30 SQ
1.15
12
4
10
6
7
9
3
2.75
BSC SQ
3.00
BSC SQ
2
5
8
11
COPLANARITY
0.08
EXPOSED PAD
(BOTTOM VIEW)
SEATING
PLANE
Figure 18. 12-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
3 mm × 3 mm Body, Very Thin Quad
(CP-12-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Ordering Quantity
Branding
ADA4303-2ACPZ-RL1
−40°C to +85°C
12-Lead LFCSP_VQ
CP-12-1
5000
H0V
ADA4303-2ACPZ-R71
−40°C to +85°C
12-Lead LFCSP_VQ
CP-12-1
1500
H0V
ADA4303-2ACPZ-R21
−40°C to +85°C
12-Lead LFCSP_VQ
CP-12-1
250
H0V
ADA4303-2ACPZ-EB1
Evaluation Board
1 Z = Pb-free part.


Podobny numer części - ADA4303-2_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4303-2 AD-ADA4303-2_16 Datasheet
207Kb / 12P
   1:2 Single-Ended, Low Cost Active RF Splitter
More results

Podobny opis - ADA4303-2_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4304-2 AD-ADA4304-2_16 Datasheet
297Kb / 10P
   1:2 Single-Ended, Low Cost, Active RF Splitter
ADA4303-2 AD-ADA4303-2 Datasheet
268Kb / 12P
   1:2 Single-Ended, Low Cost Active RF Splitter
REV. 0
ADA4304-2 AD-ADA4304-2 Datasheet
411Kb / 12P
   1:2 Single-Ended, Low Cost, Active RF Splitter
REV. 0
ADA4303-2 AD-ADA4303-2_16 Datasheet
207Kb / 12P
   1:2 Single-Ended, Low Cost Active RF Splitter
ADA4304-3 AD-ADA4304-3_15 Datasheet
438Kb / 12P
   Single-Ended, Low Cost, Active RF Splitters
REV. 0
ADA4304-4 AD-ADA4304-4_15 Datasheet
438Kb / 12P
   Single-Ended, Low Cost, Active RF Splitters
REV. 0
logo
SJM Prewell. All Rights...
PSC13A SJM-PSC13A Datasheet
368Kb / 4P
   Single Ended 3-Way Active Splitter
logo
Analog Devices
ADA4302-4 AD-ADA4302-4_15 Datasheet
231Kb / 12P
   Active RF Splitter
REV. B
ADA4304-3 AD-ADA4304-3 Datasheet
217Kb / 11P
   1:3 and 1:4 Single-Ended, Low Cost Active RF Splitters
ADA4302-4 AD-ADA4302-4 Datasheet
70Kb / 2P
   Active RF Splitter
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com